Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4502/3 Datasheet(PDF) 8 Page - Texas Instruments

Part # THS4502/3
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4502/3 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS4502/3 Datasheet HTML 4Page - Texas Instruments THS4502/3 Datasheet HTML 5Page - Texas Instruments THS4502/3 Datasheet HTML 6Page - Texas Instruments THS4502/3 Datasheet HTML 7Page - Texas Instruments THS4502/3 Datasheet HTML 8Page - Texas Instruments THS4502/3 Datasheet HTML 9Page - Texas Instruments THS4502/3 Datasheet HTML 10Page - Texas Instruments THS4502/3 Datasheet HTML 11Page - Texas Instruments THS4502/3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
TYPICAL CHARACTERISTICS
Table of Graphs (±5 V)
THS4504
THS4505
SLOS363D – AUGUST 2002 – REVISED MAY 2008 ......................................................................................................................................................... www.ti.com
FIGURE
Small-signal unity-gain frequency response
1
Small-signal frequency response
2
0.1-dB gain flatness frequency response
3
Large-signal frequency response
4
Harmonic distortion (single-ended input to differential output) vs Frequency
5
Harmonic distortion (single-ended input to differential output) vs Output voltage swing
6, 7
Harmonic distortion (single-ended input to differential output) vs Load resistance
8
Third order intermodulation distortion (single-ended input to differential output) vs Frequency
9
Third order output intercept point vs Frequency
10
Slew rate vs Differential output voltage step
11
Settling time
12, 13
Large-signal transient response
14
Small-signal transient response
15
Overdrive recovery
16, 17
Voltage and current noise vs Frequency
18
Rejection ratios vs Frequency
19
Rejection ratios vs Case temperature
20
Output balance error vs Frequency
21
Open-loop gain and phase vs Frequency
22
Open-loop gain vs Case temperature
23
Input bias offset current vs Case temperature
24
Quiescent current vs Supply voltage
25
Input offset voltage vs Case temperature
26
Common-mode rejection ratio vs Input common-mode range
27
Output voltage vs Load resistance
28
Closed-loop output impedance vs Frequency
29
Harmonic distortion (single-ended and differential input to differential output) vs Output common-mode voltage
30
Small-signal frequency response at VOCM
31
Output offset voltage at VOCM vs Output common-mode voltage
32
Quiescent current vs Power-down voltage
33
Turn-on and turn-off delay times
34
Single-ended output impedance in power-down vs Frequency
35
Power-down quiescent current vs Case temperature
36
Power-down quiescent current vs Supply voltage
37
8
Submit Documentation Feedback
Copyright © 2002–2008, Texas Instruments Incorporated
Product Folder Link(s): THS4504 THS4505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com