Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4502/3 Datasheet(PDF) 9 Page - Texas Instruments

Part # THS4502/3
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4502/3 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4502/3 Datasheet HTML 5Page - Texas Instruments THS4502/3 Datasheet HTML 6Page - Texas Instruments THS4502/3 Datasheet HTML 7Page - Texas Instruments THS4502/3 Datasheet HTML 8Page - Texas Instruments THS4502/3 Datasheet HTML 9Page - Texas Instruments THS4502/3 Datasheet HTML 10Page - Texas Instruments THS4502/3 Datasheet HTML 11Page - Texas Instruments THS4502/3 Datasheet HTML 12Page - Texas Instruments THS4502/3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
Table of Graphs (5 V)
THS4504
THS4505
www.ti.com ......................................................................................................................................................... SLOS363D – AUGUST 2002 – REVISED MAY 2008
FIGURE
Smal-signal unity-gain frequency response
38
Small-signal frequency response
39
0.1-dB gain flatness frequency response
40
Large signal frequency response
41
Harmonic distortion (single-ended input to differential output) vs Frequency
42
Harmonic distortion (single-ended input to differential output) vs Output voltage swing
43, 44
Harmonic distortion (single-ended input to differential output) vs Load resistance
45
Third-order intermodulation distortion vs Frequency
46
Third-order intercept point vs Frequency
47
Slew rate vs Differential output voltage step
48
Settling time
49, 50
Overdrive recovery
51, 52
Large-signal transient response
53
Small-signal transient response
54
Voltage and current noise vs Frequency
55
Rejection ratios vs Frequency
56
Rejection ratios vs Case temperature
57
Output balance error vs Frequency
58
Open-loop gain and phase vs Frequency
59
Open-loop gain vs Case temperature
60
Input bias offset current vs Case temperature
61
Quiescent current vs Supply voltage
62
Input offset voltage vs Case temperature
63
Common-mode rejection ratio vs Input common-mode range
64
Output voltage vs Load resistance
65
Closed-loop output impedance vs Frequency
66
Harmonic distortion (single-ended and differential input) vs Output common-mode voltage
67
Small-signal frequency response at VOCM
68
Output offset voltage vs Output common-mode voltage
69
Quiescent current vs Power-down voltage
70
Turn-on and turn-off delay times
71
Single-ended output impedance in power-down vs Frequency
72
Power-down quiescent current vs Case temperature
73
Power-down quiescent current vs Supply voltage
74
Copyright © 2002–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS4504 THS4505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com