Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4502/3 Datasheet(PDF) 11 Page - Texas Instruments

Part # THS4502/3
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4502/3 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4502/3 Datasheet HTML 7Page - Texas Instruments THS4502/3 Datasheet HTML 8Page - Texas Instruments THS4502/3 Datasheet HTML 9Page - Texas Instruments THS4502/3 Datasheet HTML 10Page - Texas Instruments THS4502/3 Datasheet HTML 11Page - Texas Instruments THS4502/3 Datasheet HTML 12Page - Texas Instruments THS4502/3 Datasheet HTML 13Page - Texas Instruments THS4502/3 Datasheet HTML 14Page - Texas Instruments THS4502/3 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
0
5
10
15
20
25
30
t
Time
ns
-
-
Gain =1
R =800
R
=499
f=1MHz
V
=
5V
L
F
S
W
W
±
Rising Edge
Falling Edge
VO − Differential Output Voltage Step − V
Gain = 1
RL = 800 Ω
Rf = 499 Ω
VS = ±5 V
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0
200
400
600
800
1000
1200
1400
1600
1800
2000
Fall
Rise
10
20
30
40
50
60
0
20
40
60
80
100
f
Frequency
MHz
-
-
200 kHz Tone Spacing
0
Normalized to 50 W
RL = 800 W
Normalized to 200 W
Gain
W
±
=1,R
=499
V
=2V
V
=
5V
200kHzToneSpacing
F
O
PP
S
,
−3
−2
−1
0
1
2
3
0
5
10
15
20
25
30
35
40
t − Time − ns
Gain = 1
RL = 800 Ω
Rf = 499 Ω
f= 1 MHz
VS = ±5 V
Rising Edge
Falling Edge
−100
0
100
200
300
400
500
t − Time − ns
Gain = 1
RL = 800 Ω
Rf = 499 Ω
tr/tf = 300 ps
VS = ±5 V
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
−0.4
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0.4
−100
0
100
200
300
400
500
t − Time − ns
Gain = 1
RL = 800 Ω
Rf = 499 Ω
tr/tf = 300 ps
VS = ±5 V
t − Time −
µs
0
−1
−4
0
0.1 0.2 0.3 0.4 0.5 0.6
1
2
4
0.7 0.8 0.9
1
3
−3
−5
−2
5
0
−0.5
−2
0.5
1
2
1.5
−1.5
−2.5
−1
2.5
Gain = 4
RL = 800 Ω
Rf = 499 Ω
Overdrive = 4.5 V
VS = ±5 V
−6
−5
−4
−3
−2
−1
0
1
2
3
4
5
6
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
−3
−2
−1
0
1
2
3
t − Time −
µs
Gain = 4
RL = 800 Ω
Rf = 499 Ω
Overdrive = 5.5 V
VS = ±5 V
1
10
100
0.01
0.1
1
10
100
Vn
In
f − Frequency − kHz
1000
10 k
THS4504
THS4505
www.ti.com ......................................................................................................................................................... SLOS363D – AUGUST 2002 – REVISED MAY 2008
TYPICAL CHARACTERISTICS: ±5 V (continued)
THIRD-ORDER OUTPUT INTERCEPT
SLEW RATE
POINT
vs
vs
DIFFERENTIAL OUTPUT VOLTAGE
FREQUENCY
STEP
SETTLING TIME
Figure 10.
Figure 11.
Figure 12.
LARGE-SIGNAL TRANSIENT
SMALL-SIGNAL TRANSIENT
SETTLING TIME
RESPONSE
RESPONSE
Figure 13.
Figure 14.
Figure 15.
VOLTAGE AND CURRENT NOISE
vs
OVERDRIVE RECOVERY
OVERDRIVE RECOVERY
FREQUENCY
Figure 16.
Figure 17.
Figure 18.
Copyright © 2002–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS4504 THS4505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com