Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC20H12DY Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPSC20H12DY
Description  Automotive 1200 V, 20 A, silicon carbide power Schottky diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC20H12DY Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPSC20H12DY Datasheet HTML 6Page - STMicroelectronics STPSC20H12DY Datasheet HTML 7Page - STMicroelectronics STPSC20H12DY Datasheet HTML 8Page - STMicroelectronics STPSC20H12DY Datasheet HTML 9Page - STMicroelectronics STPSC20H12DY Datasheet HTML 10Page - STMicroelectronics STPSC20H12DY Datasheet HTML 11Page - STMicroelectronics STPSC20H12DY Datasheet HTML 12Page - STMicroelectronics STPSC20H12DY Datasheet HTML 13Page - STMicroelectronics STPSC20H12DY Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Table 7. D²PAK high voltage package mechanical data
Ref.
Dimensions
Min.
Typ.
Max.
A
4.30
4.70
A1
0.03
0.20
C
1.17
1.37
e
4.98
5.18
E
0.50
0.90
F
0.78
0.85
H
10.00
10.40
H1
7.40
7.80
L
15.30
15.80
L1
1.27
1.40
L2
4.93
5.23
L3
6.85
7.25
L4
1.5
1.7
M
2.6
2.9
R
0.20
0.60
V
0°
8°
Figure 13. D²PAK High Voltage footprint in mm
15,95
7,46
3,40
5,08
1,20
10,58
5,10
STPSC20H12-Y
D²PAK high voltage package information
DS11830 - Rev 4
page 10/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com