Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC20H12DY Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC20H12DY
Description  Automotive 1200 V, 20 A, silicon carbide power Schottky diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC20H12DY Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC20H12DY Datasheet HTML 1Page - STMicroelectronics STPSC20H12DY Datasheet HTML 2Page - STMicroelectronics STPSC20H12DY Datasheet HTML 3Page - STMicroelectronics STPSC20H12DY Datasheet HTML 4Page - STMicroelectronics STPSC20H12DY Datasheet HTML 5Page - STMicroelectronics STPSC20H12DY Datasheet HTML 6Page - STMicroelectronics STPSC20H12DY Datasheet HTML 7Page - STMicroelectronics STPSC20H12DY Datasheet HTML 8Page - STMicroelectronics STPSC20H12DY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
A
K
A
K
K
TO-220AC
K
NC
A
D²PAK
K
K
NC
A
D²PAK HV
A
Product label
Features
•
AEC-Q101 qualified
•
No or negligible reverse recovery
•
Switching behavior independent of temperature
•
Robust high voltage periphery
•
PPAP capable
•
Operating Tj from -40 °C to 175 °C
•
D²PAK HV creepage distance (anode to cathode) = 5.38 mm min.
•
ECOPACK compliant
Applications
•
On board charger
Description
The SiC diode is an ultra high performance power Schottky diode. It is manufactured
using a silicon carbide substrate. The wide band gap material allows the design of a
Schottky diode structure with a 1200 V rating. Due to the Schottky construction, no
recovery is shown at turn-off and ringing patterns are negligible. The minimal
capacitive turn-off behavior is independent of temperature.
Especially suited for use in PFC applications, the STPSC20H12-Y will boost
performance in hard switching conditions. Its high forward surge capability ensures
good robustness during transient phases.
Product status link
STPSC20H12-Y
Product summary
IF(AV)
20 A
VRRM
1200 V
Tj (max.)
175 °C
VF (typ.)
1.35 V
Automotive 1200 V, 20 A, silicon carbide power Schottky diode
STPSC20H12-Y
Datasheet
DS11830 - Rev 4 - May 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPSC20H12DY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20H12D STMICROELECTRONICS-STPSC20H12D Datasheet
436Kb / 8P
1200 V power Schottky silicon carbide diode
May 2016 Rev 2
More results

Similar Description - STPSC20H12DY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H12-Y STMICROELECTRONICS-STPSC10H12-Y Datasheet
534Kb / 10P
Automotive grade 1200 V power Schottky silicon carbide diode
23-Jan-2017
STPSC10H12G2Y-TR STMICROELECTRONICS-STPSC10H12G2Y-TR Datasheet
378Kb / 11P
Automotive 1200 V, 10 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC15H12G2Y-TR STMICROELECTRONICS-STPSC15H12G2Y-TR Datasheet
379Kb / 11P
Automotive 1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - September 2020
STPSC20H12G2-TR STMICROELECTRONICS-STPSC20H12G2-TR Datasheet
374Kb / 11P
1200 V, 20 A, silicon carbide power Schottky diode
Rev 1 - August 2020
logo
ON Semiconductor
FFSH20120A-F155 ONSEMI-FFSH20120A-F155 Datasheet
282Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 20 A
August, 2020 - Rev. 0
FFSB20120A-F085 ONSEMI-FFSB20120A-F085_V01 Datasheet
316Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 20 A
March, 2022 - Rev. 2
logo
STMicroelectronics
STPSC20H12CWY STMICROELECTRONICS-STPSC20H12CWY Datasheet
257Kb / 10P
20 A 1200 V power Schottky silicon carbide diode
24-Feb-2021
logo
WOLFSPEED, INC.
C4D20120A WOLFSPEED-C4D20120A Datasheet
1Mb / 9P
4th Generation 1200 V, 20 A Silicon Carbide Schottky Diode
Rev. 6, March 2023
C4D20120H WOLFSPEED-C4D20120H Datasheet
485Kb / 9P
4th Generation 1200 V, 20 A Silicon Carbide Schottky Diode
Rev. 2, November 2022
E4D20120A WOLFSPEED-E4D20120A Datasheet
1Mb / 9P
E-Series Automotive 4th Generation 1200 V, 20 A Silicon Carbide Schottky Diode
Rev. 1, April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com