Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC20H12DY Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPSC20H12DY
Description  Automotive 1200 V, 20 A, silicon carbide power Schottky diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC20H12DY Datasheet(HTML) 2 Page - STMicroelectronics

  STPSC20H12DY Datasheet HTML 1Page - STMicroelectronics STPSC20H12DY Datasheet HTML 2Page - STMicroelectronics STPSC20H12DY Datasheet HTML 3Page - STMicroelectronics STPSC20H12DY Datasheet HTML 4Page - STMicroelectronics STPSC20H12DY Datasheet HTML 5Page - STMicroelectronics STPSC20H12DY Datasheet HTML 6Page - STMicroelectronics STPSC20H12DY Datasheet HTML 7Page - STMicroelectronics STPSC20H12DY Datasheet HTML 8Page - STMicroelectronics STPSC20H12DY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1
Characteristics
Table 1. Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage (Tj = -40 °C to +175 °C)
1200
V
IF(RMS)
Forward rms current
38
A
IF(AV)
Average forward current
Tc = 155 °C, DC current
20
A
IFRM
Repetitive peak forward current
Tc =155 °C, Tj = 175 °C, δ = 0.1
78
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal, Tc = 25 °C
140
A
tp = 10 ms sinusoidal, Tc = 150 °C
120
tp = 10 µs square, Tc = 25 °C
700
Tstg
Storage temperature range
-55 to +175
°C
Tj
Operating junction temperature(1)
-40 to +175
°C
1. (dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 2. Thermal resistance parameters
Symbol
Parameter
Value
Unit
Typ.
Max.
Rth(j-c)
Junction to case
0.30
0.45
°C/W
Table 3. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR (1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
10
120
µA
Tj = 150 °C
-
60
800
VF (2)
Forward voltage drop
Tj = 25 °C
IF = 20 A
-
1.35
1.50
V
Tj = 150 °C
-
1.75
2.25
1. Pulse test: tp = 5 ms, δ < 2%
2. Pulse test: tp = 500 µs, δ < 2%
To evaluate the conduction losses, use the following equation: P = 1.07 x IF(AV) + 0.059 x IF 2(RMS)
Table 4. Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
QCj (1)
Total capacitive charge
VR = 800 V
-
129
-
nC
Cj
Total capacitance
VR = 0 V, Tc = 25 °C, F = 1 MHz
-
1650
-
pF
VR = 800 V, Tc = 25 °C, F = 1 MHz
-
110
-
1.
Most accurate value for the capacitive charge:
QcjVR = ∫0VRCjVdV
STPSC20H12-Y
Characteristics
DS11830 - Rev 4
page 2/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com