Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC20H12DY Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPSC20H12DY
Description  Automotive 1200 V, 20 A, silicon carbide power Schottky diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC20H12DY Datasheet(HTML) 4 Page - STMicroelectronics

  STPSC20H12DY Datasheet HTML 1Page - STMicroelectronics STPSC20H12DY Datasheet HTML 2Page - STMicroelectronics STPSC20H12DY Datasheet HTML 3Page - STMicroelectronics STPSC20H12DY Datasheet HTML 4Page - STMicroelectronics STPSC20H12DY Datasheet HTML 5Page - STMicroelectronics STPSC20H12DY Datasheet HTML 6Page - STMicroelectronics STPSC20H12DY Datasheet HTML 7Page - STMicroelectronics STPSC20H12DY Datasheet HTML 8Page - STMicroelectronics STPSC20H12DY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Figure 5. Relative variation of thermal impedance junction
to case versus pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
tp (s)
Single pulse
Zth(j-c)/Rth(j-c)
Figure 6. Non-repetitive peak surge forward current
versus pulse duration (sinusoidal waveform)
1.E+02
1.E+03
1.E-05
1.E-04
1.E-03
1.E-02
tp(s)
Ta= 25 °C
Ta= 150 °C
IFSM(A)
Figure 7. Total capacitive charges versus reverse voltage
applied (typical values)
0
20
40
60
80
100
120
140
0
100
200
300
400
500
600
700
800
VR(V)
Qcj(nC)
Figure 8. Thermal resistance junction to ambient versus
copper surface under tab (typical values, epoxy printed
board FR4, eCu = 70 μm)
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
40
Rth(j-a) (°C/W)
D²PAK / D²PAK HV
Epoxy printed board FR4, copper thickness = 70 µm
SCu(cm²)
STPSC20H12-Y
Characteristics (curves)
DS11830 - Rev 4
page 4/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com