Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ7920 Datasheet(PDF) 28 Page - Monolithic Power Systems

Part # MPQ7920
Description  5V PMIC with Four 2A/2.5A/4.5A/4.5A Buck Converters, 5 LDOs, and Flexible System Settings via I2C and MTP, AEC-Q100
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ7920 Datasheet(HTML) 28 Page - Monolithic Power Systems

Back Button MPQ7920 Datasheet HTML 24Page - Monolithic Power Systems MPQ7920 Datasheet HTML 25Page - Monolithic Power Systems MPQ7920 Datasheet HTML 26Page - Monolithic Power Systems MPQ7920 Datasheet HTML 27Page - Monolithic Power Systems MPQ7920 Datasheet HTML 28Page - Monolithic Power Systems MPQ7920 Datasheet HTML 29Page - Monolithic Power Systems MPQ7920 Datasheet HTML 30Page - Monolithic Power Systems MPQ7920 Datasheet HTML 31Page - Monolithic Power Systems MPQ7920 Datasheet HTML 32Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
MPQ7920
– 5V POWER MANAGEMENT IC WITH I2C AND MTP, AEC-Q100
MPQ7920 Rev. 1.0
www.MonolithicPower.com
28
7/13/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
REGISTER DESCRIPTION (continued)
MTP E-Fuse Table Description
Bits
Name
Default
Description
D[1]
PWR_ON_
TIME_SLOT
_MODE
1
Selects the power-on sequence
’s time slot mode.
0: The time slot is a fixed number set by TIME_SLOT
1: The time slot increases linearly in the following ways:
Time slot 0 to slot 3 has a (TIME_SLOT x 1) interval
Time slot 3 to slot 7 has a (TIME_SLOT x 2) interval
Time slot 7 to slot 11 has a (TIME_SLOT x 4) interval
Time slot 11 to slot 15 has a (TIME_SLOT x 8) interval
Time Slot Number
1
0.5ms
0
0.5ms
0.5ms
3
4
1ms
5
1ms
6
7
1ms
1ms
2ms
8
2ms
9
2ms
10
2ms
4ms
4ms
4ms
2
11
12
13
14
15
VOUT
TIME_
SLOTx1
TIME_
SLOTx1
TIME_
SLOTx1
TIME_
SLOTx2
TIME_
SLOTx2
TIME_
SLOTx2
TIME_
SLOTx2
TIME_
SLOTx4
TIME_
SLOTx4
TIME_
SLOTx4
TIME_
SLOTx4
TIME_
SLOTx8
TIME_
SLOTx8
TIME_
SLOTx8
TIME_
SLOTx8
Example:
4ms
In a standard application, the power-on sequence ends at the maximum used time slot
value. For example, if time slot 7 is the maximum value (no slot number above 7 is used)
during the power-on sequence, the counter only works until time slot 7. Then the power-
on sequence is complete, and the higher time slots are not executed.
D[0]
PWR_OFF_
TIME_SLOT
_MODE
1
Selects the power-off sequence
’s time slot mode.
0: The time slot is a fixed number set by TIME_SLOT
1: The time slot increases linearly in the following ways:
Time slot 0 to slot 3 has a (TIME_SLOT x 1) interval
Time slot 3 to slot 7 has a (TIME_SLOT x 2) interval
Time slot 7 to slot 11 has a (TIME_SLOT x 4) interval
Time slot 11 to slot 15 has a (TIME_SLOT x 8) interval
Time Slot Number
0.5ms
0.5ms
0.5ms
1ms
1ms
1ms
1ms
2ms
8
2ms
9
2ms
10
2ms
4ms
4ms
4ms
2
11
12
13
14
15
VOUT
TIME_
SLOTx1
TIME_
SLOTx1
TIME_
SLOTx1
TIME_
SLOTx2
TIME_
SLOTx2
TIME_
SLOTx2
TIME_
SLOTx2
TIME_
SLOTx4
TIME_
SLOTx4
TIME_
SLOTx4
TIME_
SLOTx4
TIME_
SLOTx8
TIME_
SLOTx8
TIME_
SLOTx8
TIME_
SLOTx8
Example:
1
0
3
4
5
6
7
4ms
In a standard application, the power-off sequence starts at the maximum used time slot.
For example, if time slot 7 is the maximum used number (no slot number above 7 is
used), during the power-off sequence, the counter only works from time slot 7 to time slot
0, then the power-off sequence is complete. The higher time slots are not executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com