Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ7920 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPQ7920
Description  5V PMIC with Four 2A/2.5A/4.5A/4.5A Buck Converters, 5 LDOs, and Flexible System Settings via I2C and MTP, AEC-Q100
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ7920 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPQ7920 Datasheet HTML 8Page - Monolithic Power Systems MPQ7920 Datasheet HTML 9Page - Monolithic Power Systems MPQ7920 Datasheet HTML 10Page - Monolithic Power Systems MPQ7920 Datasheet HTML 11Page - Monolithic Power Systems MPQ7920 Datasheet HTML 12Page - Monolithic Power Systems MPQ7920 Datasheet HTML 13Page - Monolithic Power Systems MPQ7920 Datasheet HTML 14Page - Monolithic Power Systems MPQ7920 Datasheet HTML 15Page - Monolithic Power Systems MPQ7920 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
MPQ7920
– 5V POWER MANAGEMENT IC WITH I2C AND MTP, AEC-Q100
MPQ7920 Rev. 1.0
www.MonolithicPower.com
12
7/13/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS (continued)
Performance waveforms are tested on the evaluation board, VIN = 5V, TA = 25°C, tested using
MPQ7920-0003 parts, unless otherwise noted.
Switching Frequency vs.
Temperature
1.8
1.9
2
2.1
2.2
-50 -30 -10 10 30 50 70 90 110 130 150
TEMPERATURE (
℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com