Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ7920 Datasheet(PDF) 32 Page - Monolithic Power Systems

Part # MPQ7920
Description  5V PMIC with Four 2A/2.5A/4.5A/4.5A Buck Converters, 5 LDOs, and Flexible System Settings via I2C and MTP, AEC-Q100
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ7920 Datasheet(HTML) 32 Page - Monolithic Power Systems

Back Button MPQ7920 Datasheet HTML 28Page - Monolithic Power Systems MPQ7920 Datasheet HTML 29Page - Monolithic Power Systems MPQ7920 Datasheet HTML 30Page - Monolithic Power Systems MPQ7920 Datasheet HTML 31Page - Monolithic Power Systems MPQ7920 Datasheet HTML 32Page - Monolithic Power Systems MPQ7920 Datasheet HTML 33Page - Monolithic Power Systems MPQ7920 Datasheet HTML 34Page - Monolithic Power Systems MPQ7920 Datasheet HTML 35Page - Monolithic Power Systems MPQ7920 Datasheet HTML 36Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
MPQ7920
– 5V POWER MANAGEMENT IC WITH I2C AND MTP, AEC-Q100
MPQ7920 Rev. 1.0
www.MonolithicPower.com
32
7/13/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
Table 1: Output Reference Voltage Chart (Used for 12.5mV DVS Resolution)
D[7:0]
VREF (mV)
D[7:0]
VREF (mV)
D[7:0]
VREF (mV)
00000000
400
01010110
1475
10101100
2550
00000001
412.5
01010111
1487.5
10101101
2562.5
00000010
425
01011000
1500
10101110
2575
00000011
437.5
01011001
1512.5
10101111
2587.5
00000100
450
01011010
1525
10110000
2600
00000101
462.5
01011011
1537.5
10110001
2612.5
00000110
475
01011100
1550
10110010
2625
00000111
487.5
01011101
1562.5
10110011
2637.5
00001000
500
01011110
1575
10110100
2650
00001001
512.5
01011111
1587.5
10110101
2662.5
00001010
525
01100000
1600
10110110
2675
00001011
537.5
01100001
1612.5
10110111
2687.5
00001100
550
01100010
1625
10111000
2700
00001101
562.5
01100011
1637.5
10111001
2712.5
00001110
575
01100100
1650
10111010
2725
00001111
587.5
01100101
1662.5
10111011
2737.5
00010000
600
01100110
1675
10111100
2750
00010001
612.5
01100111
1687.5
10111101
2762.5
00010010
625
01101000
1700
10111110
2775
00010011
637.5
01101001
1712.5
10111111
2787.5
00010100
650
01101010
1725
11000000
2800
00010101
662.5
01101011
1737.5
11000001
2812.5
00010110
675
01101100
1750
11000010
2825
00010111
687.5
01101101
1762.5
11000011
2837.5
00011000
700
01101110
1775
11000100
2850
00011001
712.5
01101111
1787.5
11000101
2862.5
00011010
725
01110000
1800
11000110
2875
00011011
737.5
01110001
1812.5
11000111
2887.5
00011100
750
01110010
1825
11001000
2900
00011101
762.5
01110011
1837.5
11001001
2912.5
00011110
775
01110100
1850
11001010
2925
00011111
787.5
01110101
1862.5
11001011
2937.5
00100000
800
01110110
1875
11001100
2950
00100001
812.5
01110111
1887.5
11001101
2962.5
00100010
825
01111000
1900
11001110
2975
00100011
837.5
01111001
1912.5
11001111
2987.5
00100100
850
01111010
1925
11010000
3000
00100101
862.5
01111011
1937.5
11010001
3012.5
00100110
875
01111100
1950
11010010
3025
00100111
887.5
01111101
1962.5
11010011
3037.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com