Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM40TS Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # IM40TS
Description  AXICOM IM RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

IM40TS Datasheet(HTML) 2 Page - TE Connectivity Ltd

  IM40TS Datasheet HTML 1Page - TE Connectivity Ltd IM40TS Datasheet HTML 2Page - TE Connectivity Ltd IM40TS Datasheet HTML 3Page - TE Connectivity Ltd IM40TS Datasheet HTML 4Page - TE Connectivity Ltd IM40TS Datasheet HTML 5Page - TE Connectivity Ltd IM40TS Datasheet HTML 6Page - TE Connectivity Ltd IM40TS Datasheet HTML 7Page - TE Connectivity Ltd IM40TS Datasheet HTML 8Page - TE Connectivity Ltd IM40TS Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CONTACT DATA
MAX. DC LOAD BREAKING CAPACITY
Performance type
Standard, C
(Standard and
high dielectric
version)
D, I
(High current
version)
P
(High contact
stability
version)
Contact arrangement
2 form C, 2 CO
Max. switching voltage
220VDC,
250VAC
220VDC,
250VAC
220VDC,
250VAC
Rated current
2A
5A1)
2A
Limiting continuous
current
2A
5A1)
2A
Switching power
60W, 62.5VA
Contact material
PdRu +Au
covered
AgNi +Au
covered
PdRu +Au
covered
Contact style
Twin contacts
Twin contacts
I: single
contacts
Twin contacts
Minimum switching
voltage
100
μV
Initial contact resistance
<50mΩ at 10mA/30mV
I: < 100mΩ
Thermoelectric potential
<10
μV
Operate time
typ. 1ms, max. 3ms
Release time
Without diode
in parallel
typ. 1ms, max. 3ms
With diode in parallel
typ. 3ms, max. 5ms
Bounce time max.
typ. 1ms, max. 5ms
Electrical endurance
at contact application
0 (≤30mV/≤10mA)
min. 2.5x106 operations
Cable load open end
min. 2.0x106 operations
Resistive, 125VDC
/ 0.24A - 30W
min. 5x105 operations
Resistive, 220 VDC
/ 0.27A - 60W
min. 1x105 operations
Resistive, 250VAC
/ 0.25A - 62.5VA
min. 1x105 operations
Resistive, 30VDC
/ 1A - 30W
min. 5x105 operations
Resistive, 30VDC
/ 2A - 60W
min. 1x105 operations
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
21 of 28
AXICOMÊSignalÊRelays
IM Relay
Contact Data
IM-A
IM-B
IM-C
IM-D
IM-E
Number of contacts and type
1ÊPoleÊbreak
1ÊPoleÊmake
1ÊPoleÊÊ
changeover
2ÊPoleÊbreak
2ÊPoleÊmake
Contact assembly
BifurcatedÊcontacts
Contact material
Palladium-ruthenium,Êgold-covered
Limiting continuous current
at max. ambient temperature
2ÊA2ÊA
4ÊA2ÊA
2ÊA
Maximum switching current
2ÊA
2ÊA
3ÊA
2ÊA
2ÊA
Maximum swichting voltage
220ÊVdc
250ÊVac
Maximum switching capacity
60ÊW,Ê62.5ÊVA
Thermoelectric potential
<Ê10ʵV
Minimum switching voltage
100ʵV
Initial contact resistance /
measuring condition: 10 mA / 20 mV
< 100 m
< 100 m
NO < 100 m
< 50 m
< 50 m
Electrical
CC0 Contact category 0
endurance
(≤ 30 mV / ≥ 10 mA)
cable load open end
Resistive load
at 125 Vdc / 0.24 A - 30 W
at 220 Vdc / 0.27 A - 60 W
at 250 Vac / 0.25 A - 62.5
VA
at 30 Vdc / 1 A - 30 W
at 30 Vdc / 2 A - 60 W
min.Ê2.5ÊxÊ106Êoperations
min.Ê2.0ÊxÊ106Êoperations
min.Ê5ÊxÊ105Êoperations
min.Ê1ÊxÊ105Êoperations
min.Ê1ÊxÊ105Êoperations
min.Ê5ÊxÊ105Êoperations
min.Ê1ÊxÊ105Êoperations
Mechanical endurance
typ.Ê108Êoperations
UL contact ratings
220 Vdc / 0.24 A - 60 W
125 Vdc / 0.24 A - 30 W
250 Vac / 0.25 A - 62.5 VA
125 Vac / 0.5 A - 62.5 VA
30 Vdc / 2 A - 60 W
Max. DC Load Breaking Capacity
DC current [A]
resistive load
Performance
type
Standard, C
(Standard and high
dielectric version)
D, I
(High
current
version)
P
(High
contact
stability
version)
UL contact
rating
30VDC, 2A, 60W, NO only
110VDC, 0.3A, 33W
220VDC, 0.27A, 60W
125VAC, 0.5A, 62.5VA
250VAC, 0.25A, 62.5VA
30VAC, 2A, 62.5VA, NO
only (IMxxI, IMxxD)
Mechanical
endurance
min. 1x108 operations
2
INDUSTRIAL /
AXICOM IM RELAY
AXICOM IM RELAY
SIGNAL RELAYS
1) for 5A applications please contact TE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com