Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM40TS Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # IM40TS
Description  AXICOM IM RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

IM40TS Datasheet(HTML) 7 Page - TE Connectivity Ltd

Back Button IM40TS Datasheet HTML 3Page - TE Connectivity Ltd IM40TS Datasheet HTML 4Page - TE Connectivity Ltd IM40TS Datasheet HTML 5Page - TE Connectivity Ltd IM40TS Datasheet HTML 6Page - TE Connectivity Ltd IM40TS Datasheet HTML 7Page - TE Connectivity Ltd IM40TS Datasheet HTML 8Page - TE Connectivity Ltd IM40TS Datasheet HTML 9Page - TE Connectivity Ltd IM40TS Datasheet HTML 10Page - TE Connectivity Ltd IM40TS Datasheet HTML 11Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Product Key
IM
_
03
_
G
R
Type
IM
Signal Relays IM series
Contact arrangement
Blank
2 form C, 2 CO
Coil
Coil
code
Coil code: please refer to coil
versions table
Performance type
Blank Standard version
R
Customer specific
I
High current version single
contact
C
High dielectric version
D
High current version
P
High contact stability version
Packing
S
Tube
R
Reel
Terminals
T
THT - standard
N
THT - narrow version
K
THT - short version
J
SMT - J-leg
G
SMT - gull wing
S
SMT - short gull wing
PRODUCT CODE STRUCTURE
Product code
Arrangement
Perf. type
Coil
Coil type
Coil
Terminals
Part number
IM00GR
2 form C,
2 CO
contacts
Standard
1.5VDC
Monostable Standard
SMT gull wing
3-1462037-7
IM00JR
SMT J-leg
3-1462037-9
IM00NS
THT narrow
1-1462038-0
IM01GR
3VDC
SMT gull wing
1462037-1
IM01SR
SMT short gull wing
2-1462040-3
IM01JR
SMT J-leg
4-1462037-0
IM01NS
THT narrow
1-1462038-1
IM01TS
THT standard
1462037-4
IM02GR
4.5VDC
SMT gull wing
1462037-9
IM02SR
SMT short gull wing
2-1462040-4
IM02JR
SMT J-leg
1-1462037-1
IM02NS
THT narrow
1-1462038-2
PRODUCT SELECTION INFORMATION
7
INDUSTRIAL /
AXICOM IM RELAY
AXICOM IM RELAY
SIGNAL RELAYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com