Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM40TS Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # IM40TS
Description  AXICOM IM RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

IM40TS Datasheet(HTML) 3 Page - TE Connectivity Ltd

  IM40TS Datasheet HTML 1Page - TE Connectivity Ltd IM40TS Datasheet HTML 2Page - TE Connectivity Ltd IM40TS Datasheet HTML 3Page - TE Connectivity Ltd IM40TS Datasheet HTML 4Page - TE Connectivity Ltd IM40TS Datasheet HTML 5Page - TE Connectivity Ltd IM40TS Datasheet HTML 6Page - TE Connectivity Ltd IM40TS Datasheet HTML 7Page - TE Connectivity Ltd IM40TS Datasheet HTML 8Page - TE Connectivity Ltd IM40TS Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
0
0,2
0,4
0,6
0,8
1
1,2
1,4
1,6
1,8
2
2,2
2,4
2,6
2,8
3
3,2
3,4
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
Ambient Temperature [ºC]
Coil operating range
Unom. nominal coil voltage
Uop. min.
Urel. min.
140 mW coil
200 mW coil
Umax. 2x2A
Umax. at 0A
Umax. at 2x1A
Umax. at 0A
Umax. at 2x1A
Umax. at 2x2A
COIL OPERATING RANGE,
STANDARD VERSION, MONOSTABLE, 1 COIL
COIL DATA
Magnetic system
Monostable, bistable
Coil voltage range
1.5 to 24VDC
Coil
code
Rated
voltage
VDC
Operate
voltage
VDC
Release
voltage
VDC
Coil
resistance
Ω
±10%
Rated
coil
power
mW
Coil versions, standard version, monostable, 1 coil
00
1.5
1.13
0.15
16
140
08
2.4
1.80
0.24
41
140
01
3
2.25
0.30
64
140
02
4.5
3.38
0.45
145
140
03
5
3.75
0.50
178
140
04
6
4.50
0.60
257
140
05
9
6.75
0.90
579
140
06
12
9.00
1.20
1029
140
07
24
18.00
2.40
2880
200
Coil versions, sensitive version, monostable, 1 coil
11
3
2.40
0.30
91
100
12
4.5
3.60
0.45
194
100
13
5
4.00
0.50
234
100
16
12
9.60
1.20
1315
110
17
24
19.20
2.40
4120
140
Coil versions, ultra high sensitive version, monostable, 1 coil
21
3
3.00
0.30
180
50
22
4.5
4.50
0.45
405
50
23
5
5.00
0.50
500
50
26
12
12.00
1.20
2880
50
All figures are given for coil without pre-energization, at ambient temperature +23°C
Coil
code
Rated
voltage
VDC
Set
voltage
VDC
Reset
voltage
VDC
Coil
resistance
Ω
±10%
Rated coil
power
mW
Coil versions, standard version, bistable 1 coil
40
1.5
1.13
-1.13
16
100
48
2.4
1.80
-1.80
41
100
41
3
2.25
-2.25
64
100
42
4.5
3.38
-3.38
145
100
43
5
3.75
-3.75
178
100
44
6
4.50
-4.50
257
100
45
9
6.75
-6.75
579
100
46
12
9.00
-9.00
1029
100
47
24
18.00
18.00
2880
200
COIL OPERATING RANGE,
SENSITIVE AND ULTRA HIGH SENSITIVE VERSION,
MONOSTABLE, 1 COIL
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
24 of 28
AXICOMÊSignalÊRelays
IM Relay
Coil Operating Range
Unom
=
Nominal coil voltage
Umax.
=
Upper limit of the operative range of
the coil voltage (limiting voltage) when
coils are continously energized
Uop. min.
=
Lower limit of the operative range of
the coil voltage (reliable operate voltage)
For latching relays Uset min. resp.
Ureset min.
Urel. min.
=
Lower limit of the operative range of
the coil voltage (reliable release voltage)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-50-40 -30-20 -100
10
20
30
40
50
60
70
80
90 10 01 10 12 0
Umax. at 0A
Umax. at 2x2A
Umax. at 2x1A
Unom. nominal coil voltage
Ambient Temperature [°C]
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-50 -40 -30 -20 -10
0102030405060708090 100 110 120
Ambient Temperature [°C]
Umax. at 0A
Umax. at 2x2A
Umax. at 2x1A
Unom. nominal coil voltage
Urel. min.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-50-40 -30-20 -100
10 20 30 40 50 60 70 80 90 100 110 120 130 140
Ambient Temperature [°C]
Umax. - 5%coil
duty at
2x2A (100mW)
Umax.-5%coil
duty at 0A(100mW)
Umax.-5%coil
duty at 0A (200mW)
Umax. -5% coil
duty at 2x1A (100mW)
Unom. nominal coil voltage
Umax. at 0A
140mW coil
200mW coil
Urel. min.
50mW coil
100mW coil
Uop min.
Umax. at 0A
Umax. - 100% coil duty at
0A (100mW)
Umax. - 100% coil duty at
0A (200mW)
Uset min.
100 mW Latching
200 mW Latching
COIL OPERATING RANGE,
STANDARD VERSION, BISTABLE, 1 COIL
3
INDUSTRIAL /
AXICOM IM RELAY
AXICOM IM RELAY
SIGNAL RELAYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com