Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM40TS Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # IM40TS
Description  AXICOM IM RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

IM40TS Datasheet(HTML) 6 Page - TE Connectivity Ltd

Back Button IM40TS Datasheet HTML 2Page - TE Connectivity Ltd IM40TS Datasheet HTML 3Page - TE Connectivity Ltd IM40TS Datasheet HTML 4Page - TE Connectivity Ltd IM40TS Datasheet HTML 5Page - TE Connectivity Ltd IM40TS Datasheet HTML 6Page - TE Connectivity Ltd IM40TS Datasheet HTML 7Page - TE Connectivity Ltd IM40TS Datasheet HTML 8Page - TE Connectivity Ltd IM40TS Datasheet HTML 9Page - TE Connectivity Ltd IM40TS Datasheet HTML 10Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PACKING
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
26 of 28
AXICOMÊSignalÊRelays
IM Relay
Packing
Dimensions in mm
Reel Dimension
Tube for THT version
50 relays per tube
1,000 relays per box
Tape and reel for SMT version
1,000 relays per reel
1,000 or 5,000 relays per box
50 relays per tube, 1000 relays per box
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
26 of 28
AXICOMÊSignalÊRelays
IM Relay
Packing
Dimensions in mm
Reel Dimension
Tube for THT version
50 relays per tube
1,000 relays per box
Tape and reel for SMT version
1,000 relays per reel
1,000 or 5,000 relays per box
1000 relays per reel, 1000 or 5000 relays per box
Reel dimensions
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
26 of 28
AXICOMÊSignalÊRelays
IM Relay
Packing
Dimensions in mm
Reel Dimension
Tube for THT version
50 relays per tube
1,000 relays per box
Tape and reel for SMT version
1,000 relays per reel
1,000 or 5,000 relays per box
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
26 of 28
AXICOMÊSignalÊRelays
IM Relay
Packing
Dimensions in mm
Reel Dimension
Tube for THT version
50 relays per tube
1,000 relays per box
Tape and reel for SMT version
1,000 relays per reel
1,000 or 5,000 relays per box
Tube for THT version
Tape and reel for SMT version
Recommended soldering conditions
PROCESSING
Recommended reflow soldering profile IEC 61760-1
full line: typical
dotted line: process limits
external preheating
240°C
180°C
130°C
100°C
forced cooling
20 to 40s
Time [s]
Vapour phase soldering
temperature/time profile
(lead and housing peak temp.)
Recommended soldering conditions
Vapour phase soldering
Recommended vapor phase soldering profile
Copyright © 2015 IEC Geneva, Switzerland.
Note:
The author thanks the International Electrotechnical Commission (IEC) for permission to reproduce Information from its International Standards. All such extracts are copyright
of IEC, Geneva, Switzerland. All rights reserved. Further information on the IEC is available from www.iec.ch. IEC has no responsibility for the placement and context in which the
extracts and contents are reproduced by the author, nor is IEC in any way responsible for the other content or accuracy therein.”
6
INDUSTRIAL /
AXICOM IM RELAY
AXICOM IM RELAY
SIGNAL RELAYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com