Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1203 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSA1203
Description  Dual-channel 12-bit 40Msps 215mW A/D converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1203 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSA1203 Datasheet HTML 4Page - STMicroelectronics TSA1203 Datasheet HTML 5Page - STMicroelectronics TSA1203 Datasheet HTML 6Page - STMicroelectronics TSA1203 Datasheet HTML 7Page - STMicroelectronics TSA1203 Datasheet HTML 8Page - STMicroelectronics TSA1203 Datasheet HTML 9Page - STMicroelectronics TSA1203 Datasheet HTML 10Page - STMicroelectronics TSA1203 Datasheet HTML 11Page - STMicroelectronics TSA1203 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Electrical characteristics
TSA1203
8/30
7
Electrical characteristics
Electrical characteristics, unless otherwise specified, are measured at
AVCC =DVCC =VCCB = 2.5 V, FS = 40 Msps, Rpol =18kΩ, Fin = 2 MHz, Vin@ -1 dBFS,
VREFP=0.8 V, VREFM=0 V, and Tamb = 25° C.
Table 6.
Analog inputs
Symbol
Parameter
Test
conditions
Min
Typ
Max
Unit
VIN-VINB Full scale reference voltage
Differential
inputs
mandatory
1.1
2.0
2.8
Vpp
Cin
Input capacitance
7.0
pF
Req
Equivalent input resistor
10
k
Ω
BW
Analog input bandwidth
Vin@full scale,
Fs=40 Msps
1000
MHz
ERB
Effective resolution bandwidth
70
MHz
Table 7.
Digital inputs and outputs
Symbol
Parameter
Test
conditions
Min
Typ
Max
Unit
Clock and Select inputs
VIL
Logic "0" voltage
0
0.8
V
VIH
Logic "1" voltage
2.0
2.5
V
OEB input
VIL
Logic "0" voltage
0
0.25 x VCCBE
V
VIH
Logic "1" voltage
0.75 x VCCBE
VCCBE
V
Digital outputs
VOL
Logic "0" voltage
IOL=10 µA
0
0.1 x VCCBE
V
VOH
Logic "1" voltage
IOH=10 µA
0.9 x VCCBE
VCCBE
V
IOZ
High impedance
leakage current
OEB set to
VIH
-1.67
0
1.67
µA
CL
Output load
capacitance
15
pF
Table 8.
Reference voltage
Symbol
Parameter
Min
Typ
Max
Unit
VREFP I
VREFP Q
Top internal reference voltage
0.81
0.88
0.94
V
VINCM I
VINCM Q
Input common mode voltage
0.41
0.46
0.50
V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com