Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1203 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSA1203
Description  Dual-channel 12-bit 40Msps 215mW A/D converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1203 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSA1203 Datasheet HTML 8Page - STMicroelectronics TSA1203 Datasheet HTML 9Page - STMicroelectronics TSA1203 Datasheet HTML 10Page - STMicroelectronics TSA1203 Datasheet HTML 11Page - STMicroelectronics TSA1203 Datasheet HTML 12Page - STMicroelectronics TSA1203 Datasheet HTML 13Page - STMicroelectronics TSA1203 Datasheet HTML 14Page - STMicroelectronics TSA1203 Datasheet HTML 15Page - STMicroelectronics TSA1203 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Electrical characteristics
TSA1203
12/30
Figure 11.
Linearity vs. AVCC
FS=40Msps, ICCA=60mA, Fin=10MHz
Figure 12.
Distortion vs. AVCC
FS=40Msps, ICCA=60mA, Fin=10MHz
50
52
54
56
58
60
62
64
66
68
70
2.25
2.35
2.45
2.55
2.65
AVCC (V)
9
9.5
10
10.5
11
11.5
12
SINAD_I
ENOB_I
SNR_I
SNR_Q
ENOB_Q
SINAD_Q
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
2.25
2.35
2.45
2.55
2.65
AVCC (V)
SFDR_Q
SFDR_I
THD_Q
THD_I
Figure 13.
Linearity vs. DVCC
FS=40Msps, ICCA=60mA, Fin=10MHz
Figure 14.
Distortion vs. DVCC
FS=40Msps, ICCA=60mA, Fin=10MHz
50
52
54
56
58
60
62
64
66
68
70
2.25
2.35
2.45
2.55
2.65
DVCC (V)
9
9.5
10
10.5
11
11.5
12
SINAD_I
ENOB_I
SNR_I
SNR_Q
ENOB_Q
SINAD_Q
-90
-85
-80
-75
-70
-65
-60
-55
-50
2.25
2.35
2.45
2.55
2.65
DVCC (V)
SFDR_Q
SFDR_I
THD_Q
THD_I
Figure 15.
Linearity vs. VCCBI
FS=40Msps, ICCA=60mA, Fin=10MHz
Figure 16.
Distortion vs.VCCBI
FS=40Msps, ICCA=60mA, Fin=10MHz
50
52
54
56
58
60
62
64
66
68
70
2.25
2.35
2.45
2.55
2.65
VCCBI (V)
9
9.5
10
10.5
11
11.5
12
SINAD_I
ENOB_I
SNR_I
SNR_Q
ENOB_Q
SINAD_Q
-90
-85
-80
-75
-70
-65
-60
-55
-50
2.25
2.35
2.45
2.55
2.65
VCCBI (V)
SFDR_Q
SFDR_I
THD_Q
THD_I
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com