Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1203 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSA1203
Description  Dual-channel 12-bit 40Msps 215mW A/D converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1203 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSA1203 Datasheet HTML 5Page - STMicroelectronics TSA1203 Datasheet HTML 6Page - STMicroelectronics TSA1203 Datasheet HTML 7Page - STMicroelectronics TSA1203 Datasheet HTML 8Page - STMicroelectronics TSA1203 Datasheet HTML 9Page - STMicroelectronics TSA1203 Datasheet HTML 10Page - STMicroelectronics TSA1203 Datasheet HTML 11Page - STMicroelectronics TSA1203 Datasheet HTML 12Page - STMicroelectronics TSA1203 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
TSA1203
Electrical characteristics
9/30
Table 9.
Power consumption
Symbol
Parameter
Min
Typ
Max
Unit
ICCA
Analog supply current
76
96.5
mA
ICCD
Digital supply current
3.5
4.9
mA
ICCBE
Digital buffer supply current (10 pF load)
6
9.4
mA
ICCBI
Digital buffer supply current
100
440
µA
Pd
Power consumption in normal operation mode
215
271
mW
Rthja
Thermal resistance (TQFP48)
80
°C/W
Table 10.
Accuracy
Symbol
Parameter
Min
Typ
Max
Unit
OE
Offset error
2.97
LSB
GE
Gain error
0.1
%
DNL
Differential non linearity
±0.52
LSB
INL
Integral non linearity
±3
LSB
-
Monotonicity and no missing codes
Guaranteed
Table 11.
Matching between channels
Symbol
Parameter
Min
Typ
Max
Unit
GM
Gain match
0.04
1
%
OM
Offset match
0.88
LSB
PHM
Phase match
1
dg
XTLK
Crosstalk rejection
85
dB
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com