Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1203 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TSA1203
Description  Dual-channel 12-bit 40Msps 215mW A/D converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1203 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TSA1203 Datasheet HTML 13Page - STMicroelectronics TSA1203 Datasheet HTML 14Page - STMicroelectronics TSA1203 Datasheet HTML 15Page - STMicroelectronics TSA1203 Datasheet HTML 16Page - STMicroelectronics TSA1203 Datasheet HTML 17Page - STMicroelectronics TSA1203 Datasheet HTML 18Page - STMicroelectronics TSA1203 Datasheet HTML 19Page - STMicroelectronics TSA1203 Datasheet HTML 20Page - STMicroelectronics TSA1203 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
TSA1203
Application information
17/30
Figure 24. External reference setting
8.3
Driving the differential analog inputs
The TSA1203 is designed to deliver optimum performance when driven on differential
inputs. An RF transformer is an efficient way of achieving this high performance.
Figure 25 describes the schematics. The input signal is fed to the primary of the transformer,
while the secondary drives both ADC inputs. The common mode voltage of the ADC (INCM)
is connected to the center-tap of the secondary of the transformer in order to bias the input
signal around this common voltage, internally set to 0.46V. It determines the DC component
of the analog signal. Being a high-impedance input, it acts as an I/O and can be externally
driven to adjust this DC component. The INCM is decoupled to maintain a low noise level on
this node. Our evaluation board is mounted with a 1:1 ADT1-1WT transformer from Mini
circuits. You might also use a higher impedance ratio (1:2 or 1:4) to reduce the driving
requirement on the analog source.
Each analog input can drive a 1.4 Vpp amplitude input signal, so the resulting differential
amplitude is 2.8 Vpp.
Figure 25. Differential input configuration with transformer
1k
Ω
TSA1203
VIN
VINB
VREFM
VREFP
external
reference
VCCA
330pF
4.7
μF
10nF
TS821
TS4041
1.2V
TSA1203
VIN
VINB
INCM
50
Ω
33pF
330pF
470nF
10nF
Analog source
1:1
ADT1-1
channels
I or Q
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com