Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM35 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM35
Description  LM50 and LM50HV Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in the SOT-23 Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM35 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM35 Datasheet HTML 12Page - Texas Instruments LM35 Datasheet HTML 13Page - Texas Instruments LM35 Datasheet HTML 14Page - Texas Instruments LM35 Datasheet HTML 15Page - Texas Instruments LM35 Datasheet HTML 16Page - Texas Instruments LM35 Datasheet HTML 17Page - Texas Instruments LM35 Datasheet HTML 18Page - Texas Instruments LM35 Datasheet HTML 19Page - Texas Instruments LM35 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The LM50 and LM50HV have a wide supply range and a 10mV/°C output slope with a 500mV DC offset.
Therefore, these devices can be easily placed in many temperature-sensing applications where a single supply
is required for positive and negative temperatures. The LM50HV device is designed for LDO-less applications
with power supply rails of 12V, 24V, 36V due to stable functionality across wide supply range of 3V to 36V.
8.2 Typical Application
8.2.1 Full-Range Centigrade Temperature Sensor
LM50
+VS
(4.5V to 10V)
VO (Output)
LM50HV
+VS
(3V to 36V)
VO (Output)
Figure 8-1. Full-Range Centigrade Temperature Sensor LM50 (–40°C to 125°C) and LM50HV (–40°C to
150°C)
8.2.1.1 Design Requirements
For this design example, use the parameters listed in Table 8-1 as the input parameters.
Table 8-1. Design Parameters
PARAMETER
VALUE (LM50)
VALUE (LM50HV)
Power supply voltage
4.5V to 10V
3V to 36V
Output impedance
4kΩ (maximum)
4kΩ (maximum)
Accuracy at 25°C
±2°C/±3°C (maximum)
±1°C (typical)
Accuracy over –10°C to 125°C
-3.5/+3°C/±4°C (maximum)
±2.5°C (maximum)
Accuracy over –40°C to 125°C
±3.5°C (maximum)
Accuracy over –20°C to 150°C
-
±3°C (maximum)
Accuracy over –40°C to 150°C
-
±3.5°C (maximum)
Temperature slope
10mV/°C
10mV/°C
8.2.1.2 Detailed Design Procedure
The LM50 and LM50HV are simple temperature sensors that provide an analog output. Therefore design
requirements related to layout are more important than other requirements. See Layout for more information.
8.2.1.2.1 Capacitive Bypass and Loads
The LM50 and LM50HV devices handle capacitive loading very well. Without any special precautions, the LM50
and LM50HV can drive capacitive load up to 1μF. These devices have a nominal 2kΩ output impedance (shown
in Functional Block Diagram). The temperature coefficient of the output resistors is approximately 1300ppm/°C.
LM50, LM50HV
SNIS118I – JULY 1999 – REVISED OCTOBER 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM50 LM50HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com