Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM35 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM35
Description  LM50 and LM50HV Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in the SOT-23 Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM35 Datasheet(HTML) 1 Page - Texas Instruments

  LM35 Datasheet HTML 1Page - Texas Instruments LM35 Datasheet HTML 2Page - Texas Instruments LM35 Datasheet HTML 3Page - Texas Instruments LM35 Datasheet HTML 4Page - Texas Instruments LM35 Datasheet HTML 5Page - Texas Instruments LM35 Datasheet HTML 6Page - Texas Instruments LM35 Datasheet HTML 7Page - Texas Instruments LM35 Datasheet HTML 8Page - Texas Instruments LM35 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
LM50 and LM50HV Industry-Standard, Analog Centigrade (10mV/°C) Temperature
Sensor in the SOT-23 Package
1 Features
• Industry-Standard Sensor Gain/Offset:
– 10mV/°C, 500mV at 0°C
• LM50HV (Next-generation):
– Drop-in replacement for LM50B/LM50C
– Wide supply range: 3V to 36V
– Temperature Accuracy:
• ±2°C (Max) over 20°C to 70°C
• ±2.5°C (Max) over -10°C to 125°C
• ±3°C (Max) over -20°C to 150°C
– Quiescent Current (Typ): 52μA
– Nonlinearity: ±1.2°C (Max)
• LM50:
– Operating supply range: 4.5V to 10V
– LM50B Temperature Accuracy:
• ±2°C (Max) at 25°C
• ±3°C (Max) over temperature range
– LM50C Temperature Accuracy:
• ±3°C (Max) at 25°C
• ±4°C (Max) over temperature range
– Quiescent Current (Typ): 95μA
– Nonlinearity: ±0.8°C (Max)
• Available in Standard SOT23-3 package
• DC Output Impedance: 2kΩ/4kΩ (Typ/Max)
– Enables driving large capacitive loads
• Designed for LDO-less applications
• UL Recognized Component (LM50B, LM50C)
2 Applications
• Mobile phones, PC & notebooks, Data storage
• Battery Management
• Home and Multifunction printers
• Medical and healthcare Instruments
• HVAC System
• Power Supply Modules
3 Description
The LM50 and LM50HV devices are precision analog
temperature sensors that can measure temperatures
from -40°C to 125°C (for LM50) and -40°C to
150°C (for LM50HV) using a single positive supply.
Unlike NTC thermistors, LM50 and LM50HV do not
require any external calibration, trimming or software
linearization leading to simplifying the circuitry
requirements. The output voltage of the devices
are linearly proportional to temperature (10mV/°C)
and has a DC offset of 500mV at 0°C. The offset
allows reading negative temperatures without the
need for a negative supply. The output voltage of the
LM50 and LM50HV ranges from 100mV (at -40°C)
to 1.75V (at 125°C for LM50) and 2V (at 150°C
for LM50HV), simplifying analog-to-digital converter
(ADC) interfacing.
LM50HV is designed for LDO-less application due
to stable functionality across wide supply range of
3V to 36V. Trimming and calibration of the LM50
and LM50HV at the wafer level provide long-term
availability, low cost and consistent accuracy: LM50B
(±3°C over temperature range), LM50C (±4°C over
temperature range) and LM50HV (±3°C over -20°C to
150°C).
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
LM50 and LM50HV
DBZ (SOT-23, 3)
2.37mm × 2.92mm
(1)
For more information, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
GND
VO
+VS
Thermal Diodes
2k
+
–
MSPM0
MCU
ADC
CLoad
GND
VCC
VCC
CBypass
LM50
LM50HV
Simplified Schematic
DUT Te mperature (C)
-50
-25
0
25
50
75
100
125
150
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
1.75V
0.75V
0.1V
Full-Range Temperature Sensor LM50 (–40°C to
125°C) and LM50HV (–40°C to 150°C)
LM50, LM50HV
SNIS118I – JULY 1999 – REVISED OCTOBER 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM35

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM35 NSC-LM35 Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM35 NSC-LM35 Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35 TI1-LM35 Datasheet
348Kb / 15P
LM35 Precision Centigrade Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35 TGS-LM35 Datasheet
451Kb / 10P
Precision Centigrade Temperature Sensors
logo
SYC Electronica
LM35 SYC-LM35 Datasheet
386Kb / 13P
Precision Centigrade Temperature Sensors
More results

Similar Description - LM35

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM50 NSC-LM50 Datasheet
176Kb / 7P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50B NSC-LM50B Datasheet
165Kb / 8P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 NSC-LM50_06 Datasheet
603Kb / 9P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Texas Instruments
LM50-Q1 TI1-LM50-Q1 Datasheet
853Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50BIM3X TI-LM50BIM3X Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50CIM3 TI-LM50CIM3 Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
logo
International Rectifier
IRLML6244PBF IRF-IRLML6244PBF_15 Datasheet
202Kb / 10P
Industry-standard SOT-23 Package
IRLML6246PBF IRF-IRLML6246PBF_15 Datasheet
214Kb / 10P
Industry-standard SOT-23 Package
IRLML6344PBF IRF-IRLML6344PBF_15 Datasheet
210Kb / 10P
Industry-standard SOT-23 Package
logo
Texas Instruments
LM50 TI-LM50_15 Datasheet
830Kb / 15P
SOT-23 Single-Supply Centigrade Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com