Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM35 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM35
Description  LM50 and LM50HV Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in the SOT-23 Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM35 Datasheet(HTML) 2 Page - Texas Instruments

  LM35 Datasheet HTML 1Page - Texas Instruments LM35 Datasheet HTML 2Page - Texas Instruments LM35 Datasheet HTML 3Page - Texas Instruments LM35 Datasheet HTML 4Page - Texas Instruments LM35 Datasheet HTML 5Page - Texas Instruments LM35 Datasheet HTML 6Page - Texas Instruments LM35 Datasheet HTML 7Page - Texas Instruments LM35 Datasheet HTML 8Page - Texas Instruments LM35 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison......................................................... 3
5 Pin Configuration and Functions...................................4
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics: LM50 (LM50B and
LM50C) .........................................................................6
6.6 Electrical Characteristics: LM50HV ............................7
6.7 Typical Characteristics (LM50B and LM50C)..............8
6.8 Typical Characteristics (LM50HV).............................12
7 Detailed Description......................................................15
7.1 Overview................................................................... 15
7.2 Functional Block Diagram......................................... 15
7.3 Feature Description...................................................15
7.4 Device Functional Modes..........................................15
8 Application and Implementation.................................. 16
8.1 Application Information............................................. 16
8.2 Typical Application.................................................... 16
8.3 System Examples..................................................... 19
8.4 Power Supply Recommendations.............................21
8.5 Layout....................................................................... 21
9 Device and Documentation Support............................24
9.1 Documentation Support............................................ 24
9.2 Receiving Notification of Documentation Updates....24
9.3 Support Resources................................................... 24
9.4 Trademarks...............................................................24
9.5 Electrostatic Discharge Caution................................24
9.6 Glossary....................................................................24
10 Revision History.......................................................... 24
11 Mechanical, Packaging, and Orderable
Information.................................................................... 25
LM50, LM50HV
SNIS118I – JULY 1999 – REVISED OCTOBER 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM50 LM50HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com