Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM35 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM35
Description  LM50 and LM50HV Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in the SOT-23 Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM35 Datasheet(HTML) 4 Page - Texas Instruments

  LM35 Datasheet HTML 1Page - Texas Instruments LM35 Datasheet HTML 2Page - Texas Instruments LM35 Datasheet HTML 3Page - Texas Instruments LM35 Datasheet HTML 4Page - Texas Instruments LM35 Datasheet HTML 5Page - Texas Instruments LM35 Datasheet HTML 6Page - Texas Instruments LM35 Datasheet HTML 7Page - Texas Instruments LM35 Datasheet HTML 8Page - Texas Instruments LM35 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Table 4-2. LM50 and LM50HV Devices Orderable Options
DEVICE NAME
PART NUMBER
ACCURACY OVER
TEMPERATURE
SPECIFIED TEMPERATURE
RANGE
SUPPLY RANGE
PACKAGE
LM50
LM50BIM3
-3.5°C/3°C
–25°C ≤ TA ≤ +100°C
4.5V to 10V
SOT-23
(DBZ)
3-pin
LM50BIM3X/NOPB 1
–25°C ≤ TA ≤ +100°C
(Legacy chip)
–40°C ≤ TA ≤ +125°C
(New chip)
LM50CIM3
±4°C
–40°C ≤ TA ≤ +125°C
LM50CIM3X
LM50CIM3X/NOPB
–40°C ≤ TA ≤ +125°C
(Both legacy & new chip)
LM50HV
LM50HVDBZR
±2°C
20°C ≤ TA ≤ +70°C
3V to 36V
±2.5°C
–10°C ≤ TA ≤ +125°C
±3.5°C
–40°C ≤ TA ≤ +125°C
±3°C
–20°C ≤ TA ≤ +150°C
±3.5°C
–40°C ≤ TA ≤ +150°C
1. LM50BIM3X/NOPB (Legacy chip) operates from –25°C to 100°C while LM50BIM3X/NOPB (New chip)
operates from –40°C to 125°C.
Table 4-3. LM50 and LM50HV Devices Nomenclature Detail
PRODUCT
DESCRIPTION
LM50xIyyy
x indicates that the device has B or C variant. These devices can ship with the legacy chip (CSO: GF6 or SHE)
or the new chip (CSO: RFB) with different chip source origin (CSO). The reel packaging label provides date code
information to distinguish which chip is being used. Device performance for new and legacy chips is denoted
throughout the document.
yyy indicates the package type of the device which can be M3, M3X and M3X/NOPB all in DBZ (SOT-23 3-pin).
LM50HVyyyR
LM50HV has only CSO: RFB.
yyy indicates that the package type of the device is DBZ (SOT-23 3-pin).
5 Pin Configuration and Functions
1
+V
S
V
O
GND
2
3
Figure 5-1. DBZ Package 3-Pin SOT-23 Top View
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
+VS
Power
Positive power supply pin.
2
VO
Output
Temperature sensor analog output.
3
GND
Ground
Device ground pin, connected to power supply negative terminal.
LM50, LM50HV
SNIS118I – JULY 1999 – REVISED OCTOBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM50 LM50HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com