Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM33 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STPM33
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM33 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STPM33 Datasheet HTML 41Page - STMicroelectronics STPM33 Datasheet HTML 42Page - STMicroelectronics STPM33 Datasheet HTML 43Page - STMicroelectronics STPM33 Datasheet HTML 44Page - STMicroelectronics STPM33 Datasheet HTML 45Page - STMicroelectronics STPM33 Datasheet HTML 46Page - STMicroelectronics STPM33 Datasheet HTML 47Page - STMicroelectronics STPM33 Datasheet HTML 48Page - STMicroelectronics STPM33 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 89 page
background image
•
If SCS pin is held low the communication method is SPI
•
If SCS pin is held high the communication interface is UART.
For the communication interface selection the SCS pin must be kept low or high for SPI or UART selection
respectively for at least 125ns after the internal clock signal starts.
According to POR sequence in Figure 28, only after the regulated voltages are OK the PWR_OK internal signal
enables the CLKIN signal to the digital section. After two clock periods, the digital section sets and locks the
interface to the selected type. Note that the regulated voltages could be ready later than the Vcc minimum
threshold of 2.5 V, because of the capacitance on VDDA and VDDD pins.
Below a timing diagram of startup and interface selection.
Figure 47. Startup interface selection timing
VCC
Vdda
SCS
3.3 V
2.5 V
Vddd
2.85 V
1.2 V
POW_OK
UART
SPI
t_comm
After the selected communication interface is established, the interface is locked to prevent the communication
method from changes, and SCS pin is used as chip-select for the device.
Pins used by the serial communication peripheral are listed in Table 22.
Table 22. Communication pin description
Name
Function
SPI connection
UART connection
SYN
Synchronization
GPIO , VCC at startup
GPIO, VCC at startup
SCS
Chip-select
-Start-up interface selection at GND
-Chip-select at GND
-Start-up interface selection at VCC
-Chip-select at VCC
SCL
Clock
SPI CLK
Not used
MOSI/RXD
Data in
SPI MOSI
UART RX
MISO/TXD
Data out
SPI MISO
UART TX
8.6
Communication protocol
A single communication session consists of 4 + 1 (optional CRC) bytes full-duplex data sequence organized as
follows:
Table 23. Communication session structures
Byte
Master-side transmitted data
Slave-side transmitted data
1
ADDRESS for 32-bit register to be read
Previously requested data byte LSB
2
ADDRESS for 16-bit register to be written
Previously requested data byte 2 out of 4
3
DATA for 16-bit register to be written, LSB
Previously requested data byte 3 out of 4
4
DATA for16-bit register to be written, MSB
Previously requested data byte MSB
STPM32, STPM33, STPM34
Communication protocol
DS10272 - Rev 13
page 45/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com