Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM33 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPM33
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM33 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPM33 Datasheet HTML 8Page - STMicroelectronics STPM33 Datasheet HTML 9Page - STMicroelectronics STPM33 Datasheet HTML 10Page - STMicroelectronics STPM33 Datasheet HTML 11Page - STMicroelectronics STPM33 Datasheet HTML 12Page - STMicroelectronics STPM33 Datasheet HTML 13Page - STMicroelectronics STPM33 Datasheet HTML 14Page - STMicroelectronics STPM33 Datasheet HTML 15Page - STMicroelectronics STPM33 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 89 page
background image
Figure 9. UART enable and disable timing diagrams
SCS
MISO
1.5V
1.5V
1.5V
VOH
VOH -0.3V
90%
90%
10%
10%
3.0V
GND
GND
tpZH
tpHZ
(*) Rising and falling time are measuring conditions and not an input operating specification
6ns(*)
6ns(*)
Figure 10. Output load circuit for enable and disable times
(*) Probe and board capacitances included
50pF (*)
1Kohm
GND
MISO
Vcc
Probe
4.1
Pin programmability
Table 5. Programmable pin functions
Name
Multiplexed function
Functional description
I/O
CLKOUT/ZCR
System clock signal
Clock signals (DCLK, SCLK, MCLK, CLKIN)
Output
Zero-crossing
Line voltage/current zero-crossing
LED1
Programmable pulse 1
Primary channel energies (A, AF, R, S)(1)
Output
Secondary channel energies (A, AF, R, S)
Primary ± secondary channel energies (A, AF, R, S)
SD out current (DATI1)
Sigma-delta bitstream of primary current channel
LED2
Programmable pulse 2
Primary channel energies (A, AF, R, S)
Output
Secondary channel energies (A, AF, R, S)
Primary ± secondary channel energies (A, AF, R, S)
SD out current (DATI2)
Sigma-delta bitstream of secondary current channel
INT1
Interrupt
Programmable interrupt 1
Output
SD out voltage (DATV1)
Sigma-delta bitstream of primary voltage
INT2
Interrupt
Programmable interrupt 2
Output
SD out voltage (DATV2)
Sigma-delta bitstream of secondary voltage
SCS
SPI/UART select
Serial port selection at power-up
Input
Chip-select
SPI/UART
STPM32, STPM33, STPM34
Pin programmability
DS10272 - Rev 13
page 12/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com