Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM33 Datasheet(PDF) 58 Page - STMicroelectronics

Part # STPM33
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM33 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STPM33 Datasheet HTML 54Page - STMicroelectronics STPM33 Datasheet HTML 55Page - STMicroelectronics STPM33 Datasheet HTML 56Page - STMicroelectronics STPM33 Datasheet HTML 57Page - STMicroelectronics STPM33 Datasheet HTML 58Page - STMicroelectronics STPM33 Datasheet HTML 59Page - STMicroelectronics STPM33 Datasheet HTML 60Page - STMicroelectronics STPM33 Datasheet HTML 61Page - STMicroelectronics STPM33 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 89 page
background image
Figure 53. Phase shift error
Voltage
Current capacitive
Current inductive
The θ angle can be measured through the error on active power (from LED) averaged over a certain number of
samples (for example 50) at power factor PF = 0,5.
For example, if the error = e, the phase shift between voltage and current is:
Equation 28
θ=arccos 1+e2 −60°
(28)
To compensate this error, PHC and PHV bits must be set as below, to introduce a correction factor φ = -θ.
Table 39. Phase compensation
Parameter
Value
φ≥0
PHVx=0x0
PHCx= φ∙SCLK
360∙fline
−flineSCLK∙29∙360°≤φ<0
PHVx=0x1
PHCx9 =0
PHCx8:0 =PHVx∙29+ φ∙SCLK
360∙fline
−flineSCLK∙210∙360°≤φ<−flineSCLK∙29∙360°
PHVx=0x2
PHCx9 =0x0
PHCx8:0 =PHVx∙210+ φ∙SCLK
360∙fline
−flineSCLK∙29∙3∙360°≤φ<−flineSCLK∙210∙360°
PHVx=0x3
PHCx9 =0x0
PHCx8:0 =PHVx∙29+ φ∙SCLK
360∙fline
9.2.3
Power offset calibration (OFAx, OFAFx, OFRx, OFSx bits)
The device has the power offset compensation register for all measured powers (active, active fundamental,
reactive and apparent) to compensate, for each channel, the power measured due to noise capture in the
application.
Power registers are signed values, (MSB is the sign and negative values are two's complemented); the power
offset registers are also signed registers with LSB value equal to 4 times the power LSB:
STPM32, STPM33, STPM34
Application calibration
DS10272 - Rev 13
page 58/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com