Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM33 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STPM33
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM33 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STPM33 Datasheet HTML 53Page - STMicroelectronics STPM33 Datasheet HTML 54Page - STMicroelectronics STPM33 Datasheet HTML 55Page - STMicroelectronics STPM33 Datasheet HTML 56Page - STMicroelectronics STPM33 Datasheet HTML 57Page - STMicroelectronics STPM33 Datasheet HTML 58Page - STMicroelectronics STPM33 Datasheet HTML 59Page - STMicroelectronics STPM33 Datasheet HTML 60Page - STMicroelectronics STPM33 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 89 page
background image
Parameter
Value
Correction factor
KV=0,125∙ CHV2048+0.75
KI=0,125∙ CHC2048+0.75
The above procedure must be repeated for all voltage/current channels.
Note:
for proper energy calculation of secondary channel in STPM33, the value of CHV1 calibrator must be copied
also in CHV2.
9.2.2
Phase calibration (PHVx, PHCx bits)
The STPM3x does not introduce any phase shift between voltage and current channels.
However, the voltage and current signals come from transducers, which could have inherent phase errors. For
example, a phase error of 0.1° to 0.3° is not uncommon for a current transformer (CT). These phase errors can
vary from part to part, and they must be corrected in order to perform accurate power calculations. The errors
associated with phase mismatch are particularly noticeable at low power factors.
The phase compensation block provides a method of digital phase correction of the phase shifting between
voltage and current channels which can be introduced by the external component intrinsic characteristics or by
external component mismatch.The amount of phase compensation can be set per each channel, and it is
executed delaying the currents and voltage samples using bits of the phase calibration configurators: PHCx[9:0]
and PHVx[1:0].
These registers act in the same way by delaying the desired waveform by a certain quantity given from the
equations below in degree:
Table 38. Phase delay
Parameter
Value
Current shift
φC=flineSCLK∙PHCx9:0 ∙360°
Voltage shift
φV=flineSCLK∙PHVx1:0 ∙29∙360°
Global phase shift
φ=flineSCLK∙ PHCx9:0 −PHVx1:0 ∙29 ∙360°
A capacitive behavior is determined by the current leading the voltage waveform to a certain angle. In this case,
there is the compensation by delaying the current waveform by the same angle through PHCx register. For a 50
Hz line the current channel waveform maximum delayed is:
φC ≤ 4.6035° with step ∆φC = 0.0045°
An inductive behavior has the opposite effect, so that current lags the voltage waveform. In this case, PHV
register delays the voltage waveform by the minimum angle to invert the behavior to capacitive and then acting on
PHCx register for the fine tuning of the current waveform.
PHV impacts on the calculation of power and energies related to both current channels. For a 50 Hz line, the
voltage channel waveform maximum delayed is:
φV ≤ 6.912° with step ∆φV = 2.304°.
STPM32, STPM33, STPM34
Application calibration
DS10272 - Rev 13
page 57/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com