Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC33 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC33 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 14Page - Texas Instruments TMS320VC33 Datasheet HTML 15Page - Texas Instruments TMS320VC33 Datasheet HTML 16Page - Texas Instruments TMS320VC33 Datasheet HTML 17Page - Texas Instruments TMS320VC33 Datasheet HTML 18Page - Texas Instruments TMS320VC33 Datasheet HTML 19Page - Texas Instruments TMS320VC33 Datasheet HTML 20Page - Texas Instruments TMS320VC33 Datasheet HTML 21Page - Texas Instruments TMS320VC33 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004
18
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251--1443
example 2 (continued)
Table 4. MUX Select (Bus Control Register Bits 4 and 3)
BIT 4
BIT 3
RESULTS
0
0
Ignore internal wait counter and use only external READY
0
1
Use only internal wait counter and ignore ready pin
1
0
Logically AND internal wait counter with ready pin
1
1
Logically OR internal wait counter with ready pin (reset default)
posted writes
External writes are effectively “posted” to the bus, which then acts like an output latch until the write completes.
Therefore, if the application code is executing internally, it can perform a very slow external write with no penalty
since the bus acts like it has a one-level-deep write FIFO.
data bus I/O buffer
The circuit shown in Figure 9 is incorporated into each data pin to lightly “hold” the last driven value on the data
bus pins when the DSP or an external device is not actively driving the bus. Each bus keeper is built from a
three-state driver with nominal 15 kΩ output resistance which is fed back to the input in a positive feedback
configuration. The resistance isolated driver then pulls the output in one direction or the other keeping the last
driven value. This circuit is enabled in all functional modes and is only disabled when SHZ is pulled low.
30 Ω
15 kΩ
SHZ
Bus keeper
Internal
Data Bus
R/W
External Data
Bus Pin
Figure 9. Bus Keeper Circuit
For an external device to change the state of these pins, it must be able to drive a small DC current until the
driver threshold is crossed. At the crossover point, the driver changes state, agreeing with the external driver
and assisting the change. The voltage threshold of the bus keeper is approximately at 50% of the DVDD supply
voltage. The typical output impedance of 30 Ω for all TMS320VC33 I/O pins is easily capable of meeting this
requirement.
bootloader operation
When MCBL/MP = 1, an internal ROM is decoded into the address range of 0x000000--0x000FFF. Therefore,
when reset occurs, execution begins within the internal ROM program and vector space. No external activity
will be evident until one of the boot options is enabled. These options are enabled by pulling an external interrupt
pin low, which the boot-load software then detects, causing a particular routine to be executed (see Table 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com