Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC33 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC33 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 18Page - Texas Instruments TMS320VC33 Datasheet HTML 19Page - Texas Instruments TMS320VC33 Datasheet HTML 20Page - Texas Instruments TMS320VC33 Datasheet HTML 21Page - Texas Instruments TMS320VC33 Datasheet HTML 22Page - Texas Instruments TMS320VC33 Datasheet HTML 23Page - Texas Instruments TMS320VC33 Datasheet HTML 24Page - Texas Instruments TMS320VC33 Datasheet HTML 25Page - Texas Instruments TMS320VC33 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004
22
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251--1443
symbolization and speed ratings
The device revision can be determined by the lot trace code marked on the top of the package. The location
for the lot trace codes for the PGE package is shown in Figure 13.
TMS320VC33 devices are rated in peak MFLOPS, shown as a suffix to the orderable part number (see Table 8).
Figure 13 shows the device symbolization on the PGE package. A general “TMS320VC33” symbol defaults to
the lowest speed rating for that device (120 MFLOPS). 150-MFLOPS devices are denoted with a “150” mark
on the upper right-hand corner of the package. The VC33 CPU instruction rate is MFLOPS/2.
DSP
TMS320VC33PGE
Cx--YMLLLLW
Lot trace code
150
Figure 13. PGE Package (Top View)
Table 7. Example, Typical Lot Trace Code for TMS320VC33 DSP (PGE)
Lot Trace Code
Silicon Revision
Comments
Blank
(No letter in prefix)
1.0
TMX320VC33
A
(Letter in prefix is A)
1.1
TMS320VC33
B
(Letter in prefix is B)
1.2
TMS320VC33
C
(Letter in prefix is C)
1.3
TMS320VC33
Table 8. Device Orderable Part Numbers
DEVICE
SPEED (MFLOPS)
TEMPERATURE RATING
TMS320VC33PGE120
120
0°Cto90°C
TMS320VC33PGEA120
120
-- 40°C to 100°C
TMS320VC33PGE150
150
0°Cto90°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com