Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC33 Datasheet(PDF) 53 Page - Texas Instruments

Part # TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC33 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 49Page - Texas Instruments TMS320VC33 Datasheet HTML 50Page - Texas Instruments TMS320VC33 Datasheet HTML 51Page - Texas Instruments TMS320VC33 Datasheet HTML 52Page - Texas Instruments TMS320VC33 Datasheet HTML 53Page - Texas Instruments TMS320VC33 Datasheet HTML 54Page - Texas Instruments TMS320VC33 Datasheet HTML 55Page - Texas Instruments TMS320VC33 Datasheet HTML 56Page - Texas Instruments TMS320VC33 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 59 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004
53
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251--1443
IEEE-1149.1 test access port timing
The following table defines the timing parameter for the IEEE-1149.1 test access port.
timing for IEEE-1149.1 test access port (see Figure 40)
VC33--120
VC33--150
UNIT
MIN
MAX
MIN
MAX
UNIT
tsu(TMS-TCKH)
Setup time, TMS/TDI to TCK high
5
5
ns
th(TCKH-TMS)
Hold time, TMS/TDI from TCK high
5
5
ns
td(TCKL-TDOV)
Delay time, TCK low to TDO valid
0
10
0
10
ns
tr (TCK)
Rise time, TCK
3
3
ns
tf (TCK)
Fall time, TCK
3
3
ns
TCK
TMS/TDI
TDO
td(TCHL-TDOV)
tsu(TMS-TCKH)
th(TCHK-TMS)
tr(TCK)
tf(TCK)
Figure 40. IEEE-1149.1 Test Access Port Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com