Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC33 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC33 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 8Page - Texas Instruments TMS320VC33 Datasheet HTML 9Page - Texas Instruments TMS320VC33 Datasheet HTML 10Page - Texas Instruments TMS320VC33 Datasheet HTML 11Page - Texas Instruments TMS320VC33 Datasheet HTML 12Page - Texas Instruments TMS320VC33 Datasheet HTML 13Page - Texas Instruments TMS320VC33 Datasheet HTML 14Page - Texas Instruments TMS320VC33 Datasheet HTML 15Page - Texas Instruments TMS320VC33 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004
12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251--1443
PLL and clock oscillator control
The clock mode control pins are decoded into four operational modes as shown in Figure 4. These modes
control clock divide ratios, oscillator, and PLL power (see Table 1).
When an external clock input or crystal is connected, the opposite unused input is simply grounded. An XOR
gate then passes one of the two signal sources to the PLL stage. This allows the direct injection of a clock
reference into EXTCLK, or 1--20 MHz crystals and ceramic resonators with the oscillator circuit. The two clock
sources include:
D
A crystal oscillator circuit, where a crystal or ceramic resonator is connected across the XOUT and XIN pins
and EXTCLK is grounded.
D
An external clock input, where an external clock source is directly connected to the EXTCLK pin, and XOUT
is left unconnected and XIN is grounded.
When the PLL is initially started, it enters a transitional mode during which the PLL acquires lock with the input
signal. Once the PLL is locked, it continues to track and maintain synchronization with the input signal. The PLL
is a simple x5 reference multiplier with bypass and power control.
The clock divider, under CPU control, reduces the clock reference by 1 (MAXSPEED), 1/16 (LOPOWER), or
clock stop (IDLE2). Wake-up from the IDLE2 state is accomplished by a RESET or interrupt pin logic-low state.
A divide-by-two TMS320C31 equivalent mode of operation is also provided. In this case, the clock output
reference is further divided by two with clock synchronization being determined by the timing of RESET falling
relative to the present H1/H3 state.
Clock Divider
PLL
Clock and Crystal OSC
CLKMD1
CLKMD0
PLL PWR and Bypass
Oscillator Enable
C31DIV2Mode
LOWPOWER
MAXSPEED/
IDLE2
CPU CLOCK
1/2
U
M
X
X1, 1/16, Off
XOR
SEL
X
U
M
PLL
X5
EXTCLK
XIN
XOUT
RF
S1
Figure 4. Clock Generation
Table 1. Clock Mode Select Pins
CLKMD0
CLKMD1
FEEDBACK
PLLPWR
RATIO
NOTES
0
0
Off
Off
1
Fully static, very low power
0
1
On
Off
1/2
Oscillator enabled
1
0
On
Off
1
Oscillator enabled
1
1
On
On
5
2 mA @ 60 MHz, 1.8 V PLL power. Oscillator enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com