Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1102DBVR Datasheet(PDF) 17 Page - Texas Instruments

Part # TMUX1102DBVR
Description  TMUX110x 5V, Low-Leakage-Current, 1:1 (SPST) Precision Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1102DBVR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMUX1102DBVR Datasheet HTML 13Page - Texas Instruments TMUX1102DBVR Datasheet HTML 14Page - Texas Instruments TMUX1102DBVR Datasheet HTML 15Page - Texas Instruments TMUX1102DBVR Datasheet HTML 16Page - Texas Instruments TMUX1102DBVR Datasheet HTML 17Page - Texas Instruments TMUX1102DBVR Datasheet HTML 18Page - Texas Instruments TMUX1102DBVR Datasheet HTML 19Page - Texas Instruments TMUX1102DBVR Datasheet HTML 20Page - Texas Instruments TMUX1102DBVR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
8 Detailed Description
8.1 Overview
The TMUX1101 and TMUX1102 are 1:1 (SPST) switches. The TMUX110x devices have a controllable single-
pole, single-throw switch that is turned on or off based on the state of the select pin. The switch of the
TMUX1101 is turned on with a Logic 1 on the select pin, while a Logic 0 is required to turn on switch in the
TMUX1102. The following figure shows the functional block diagram for the TMUX110x devices.
8.2 Functional Block Diagram
TMUX1101
SEL
S
D
TMUX1102
SEL
S
ALL SWITC HES SHOWN FOR A LOG IC 0 INPUT
D
8.3 Feature Description
8.3.1 Bidirectional Operation
The TMUX110x conducts equally well from source (S) to drain (D) or from drain (D) to source (S). Each channel
has very similar characteristics in both directions and supports both analog and digital signals.
8.3.2 Rail-to-Rail Operation
The valid signal path input/output voltage for TMUX110x ranges from GND to VDD.
8.3.3 1.8V Logic Compatible Inputs
The TMUX110x devices have 1.8V logic compatible control for all logic control inputs. The logic input thresholds
scale with supply but still provide 1.8V logic control when operating at 5.5V supply voltage. 1.8V logic level
inputs allows the TMUX110x devices to interface with processors that have lower logic I/O rails and eliminates
the need for an external translator, which saves both space and BOM cost. The current consumption of the
TMUX110x devices increase when using 1.8V logic with higher supply voltage as shown in Figure 6-10. For
more information on 1.8V logic implementations refer to Simplifying Design with 1.8V logic Muxes and Switches.
8.3.4 Fail-Safe Logic
The TMUX110x supports Fail-Safe Logic on the control input pin (SEL) allowing for operation up to 5.5V,
regardless of the state of the supply pin. This feature allows voltages on the control pin to be applied before
the supply pin, protecting the device from potential damage. Fail-Safe Logic minimizes system complexity by
removing the need for power supply sequencing on the logic control pin. For example, the Fail-Safe Logic
feature allows the select pin of the TMUX110x devices to be ramped to 5.5V while VDD = 0V. Additionally, the
feature enables operation of the TMUX110x with VDD = 1.2V while allowing the select pin to interface with a logic
level of another device up to 5.5V.
www.ti.com
TMUX1101, TMUX1102
SCDS410D – MARCH 2019 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMUX1101 TMUX1102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com