Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1102DBVR Datasheet(PDF) 10 Page - Texas Instruments

Part # TMUX1102DBVR
Description  TMUX110x 5V, Low-Leakage-Current, 1:1 (SPST) Precision Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1102DBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMUX1102DBVR Datasheet HTML 6Page - Texas Instruments TMUX1102DBVR Datasheet HTML 7Page - Texas Instruments TMUX1102DBVR Datasheet HTML 8Page - Texas Instruments TMUX1102DBVR Datasheet HTML 9Page - Texas Instruments TMUX1102DBVR Datasheet HTML 10Page - Texas Instruments TMUX1102DBVR Datasheet HTML 11Page - Texas Instruments TMUX1102DBVR Datasheet HTML 12Page - Texas Instruments TMUX1102DBVR Datasheet HTML 13Page - Texas Instruments TMUX1102DBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
6.9 Typical Characteristics
At TA = 25°C, VDD = 5V (unless otherwise noted).
VS or VD - Source or Drain Voltage (V)
0
1
2
3
4
5
5.5
0
1
2
3
4
5
6
D001
VDD = 3 V
VDD = 3.63 V
VDD = 4.5 V
VDD = 5.5 V
TA = 25°C
Figure 6-1. On-Resistance vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
D002
TA = 125°C
TA = 85°C
TA = 25°C
TA = 40°C
VDD = 5V
Figure 6-2. On-Resistance vs Temperature
VS or VD - Source or Drain Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
1
2
3
4
5
6
7
8
D003
TA = 125°C
TA = 85°C
TA = 25°C
TA = 40°C
VDD = 3.3V
Figure 6-3. On-Resistance vs Temperature
VS or VD - Source or Drain Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
10
20
30
40
50
60
70
80
D004
VDD = 1.08 V
VDD = 1.32 V
VDD = 1.62 V
VDD = 1.98 V
TA = 25°C
Figure 6-4. On-Resistance vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
-20
-15
-10
-5
0
5
10
15
20
VDD = 3.63 V
VDD = 1.98 V
VDD = 1.32 V
D005
TA = 25°C
Figure 6-5. On-Leakage vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
0
1
2
3
4
5
-80
-60
-40
-20
0
20
40
60
80
D006
VDD = 5V
Figure 6-6. On-Leakage vs Source or Drain Voltage
TMUX1101, TMUX1102
SCDS410D – MARCH 2019 – REVISED FEBRUARY 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX1101 TMUX1102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com