Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1102DBVR Datasheet(PDF) 19 Page - Texas Instruments

Part # TMUX1102DBVR
Description  TMUX110x 5V, Low-Leakage-Current, 1:1 (SPST) Precision Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1102DBVR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMUX1102DBVR Datasheet HTML 15Page - Texas Instruments TMUX1102DBVR Datasheet HTML 16Page - Texas Instruments TMUX1102DBVR Datasheet HTML 17Page - Texas Instruments TMUX1102DBVR Datasheet HTML 18Page - Texas Instruments TMUX1102DBVR Datasheet HTML 19Page - Texas Instruments TMUX1102DBVR Datasheet HTML 20Page - Texas Instruments TMUX1102DBVR Datasheet HTML 21Page - Texas Instruments TMUX1102DBVR Datasheet HTML 22Page - Texas Instruments TMUX1102DBVR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
8.4 Device Functional Modes
The TMUX110x devices have a controllable single-pole, single-throw switch that is turned on or turned off based
on the state of the corresponding select pin. The control pin can be as high as 5.5V.
The TMUX110x devices can be operated without any external components except for the supply decoupling
capacitors. Unused logic control pins should be tied to GND or VDD in order to ensure the device does not
consume additional current as highlighted in Implications of Slow or Floating CMOS Inputs. Unused signal path
inputs (Sx or Dx) should be connection to GND.
8.4.1 Truth Tables
Table 8-1 and Table 8-2 lists the truth tables for the TMUX1101 and TMUX1102 respectively.
Table 8-1. TMUX1101 Truth Table
SEL
SWITCH STATE
0
OFF (HI-Z)
1
ON
Table 8-2. TMUX1102 Truth Table
SEL
SWITCH STATE
0
ON
1
OFF (HI-Z)
www.ti.com
TMUX1101, TMUX1102
SCDS410D – MARCH 2019 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TMUX1101 TMUX1102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com