Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1102DBVR Datasheet(PDF) 22 Page - Texas Instruments

Part # TMUX1102DBVR
Description  TMUX110x 5V, Low-Leakage-Current, 1:1 (SPST) Precision Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1102DBVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMUX1102DBVR Datasheet HTML 18Page - Texas Instruments TMUX1102DBVR Datasheet HTML 19Page - Texas Instruments TMUX1102DBVR Datasheet HTML 20Page - Texas Instruments TMUX1102DBVR Datasheet HTML 21Page - Texas Instruments TMUX1102DBVR Datasheet HTML 22Page - Texas Instruments TMUX1102DBVR Datasheet HTML 23Page - Texas Instruments TMUX1102DBVR Datasheet HTML 24Page - Texas Instruments TMUX1102DBVR Datasheet HTML 25Page - Texas Instruments TMUX1102DBVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
9.3 Typical Application - Switched Gain Amplifier
Switches and multiplexers are commonly used in the feedback path of amplifier circuits to provide configurable
gain control. By using various resistor values on the switch path, the TMUX110x allows the system to have
multiple gain settings. An external resistor ensures the amplifier is not operating in an open loop configuration.
A transimpedance amplifier (TIA) for photodiode inputs is a common circuit that requires gain control using a
switch to convert the output current of the photodiode into a voltage for the MCU or processor. The amount
of light present during a photodiode measurement is dependent on the time of day and available light source.
An external switch such as the TMUX110x can be utilized to increase the gain when a smaller photodiode
current is present. The leakage current, capacitance, and charge injection performance of the TMUX110x are
key specifications to evaluate when selecting a device for gain control. An example switched gain amplifier
circuit is shown in Figure 9-4.
+
-
RF_2
SEL
Processor
VDD
VI/O
1.8V Logic I/O
VDD
0.1µF
Gain / Filter
Network
VDD
Digital Processing
ADC
OP
AMP
VDD
RF_1
Figure 9-4. Configurable Gain Setting of a TIA Circuit
9.3.1 Design Requirements
For this design example, use the parameters listed in Table 9-1.
Table 9-1. Design Parameters
PARAMETERS
VALUES
Supply (VDD)
3.3V
Input / Output signal range
0µA to 10µA
Control logic thresholds
1.8V compatible
TMUX1101, TMUX1102
SCDS410D – MARCH 2019 – REVISED FEBRUARY 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX1101 TMUX1102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com