Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2480PW Datasheet(PDF) 44 Page - Texas Instruments

Part # TPS2480PW
Description  Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2480PW Datasheet(HTML) 44 Page - Texas Instruments

Back Button TPS2480PW Datasheet HTML 40Page - Texas Instruments TPS2480PW Datasheet HTML 41Page - Texas Instruments TPS2480PW Datasheet HTML 42Page - Texas Instruments TPS2480PW Datasheet HTML 43Page - Texas Instruments TPS2480PW Datasheet HTML 44Page - Texas Instruments TPS2480PW Datasheet HTML 45Page - Texas Instruments TPS2480PW Datasheet HTML 46Page - Texas Instruments TPS2480PW Datasheet HTML 47Page - Texas Instruments TPS2480PW Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
TPS2480
TPS2481
SLUS939B – APRIL 2010 – REVISED DECEMBER 2010
www.ti.com
REGISTER INFORMATION
The TPS2480/81 uses a bank of registers for holding configuration settings, measurement results,
maximum/minimum limits, and status information. Table 4 summarizes the TPS2480/81 registers; illustrates
registers.
Register contents are updated 4 ms after completion of the write command. Therefore, a 4-ms delay is required
between completion of a write to a given register and a subsequent read of that register (without changing the
pointer) when using SCL frequencies in excess of 1 MHz.
Table 4. Summary of Register Set
POINTER
POWER-ON RESET
ADDRESS
REGISTER NAME
FUNCTION
TYPE(1)
HEX
BINARY
HEX
All-register reset, settings for bus
00
Configuration Register
voltage range, PGA Gain, ADC
00111001 10011111
399F
R/W
resolution/averaging.
01
Shunt Voltage
Shunt voltage measurement data.
Shunt voltage
—
R
02
Bus Voltage
Bus voltage measurement data.
Bus voltage
—
R
03
Power(2)
Power measurement data.
00000000 00000000
0000
R
Contains the value of the current flowing
04
Current(2)
00000000 00000000
0000
R
through the shunt resistor.
Sets full-scale range and LSB of current
05
Calibration
and power measurements. Overall
00000000 00000000
0000
R/W
system calibration.
(1)
Type: R = Read-Only, R/W = Read/Write.
(2)
The Power Register and Current Register default to '0' because the Calibration Register defaults to '0', yielding a zero current value until
the Calibration Register is programmed.
44
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2480 TPS2481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com