Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2480PW Datasheet(PDF) 46 Page - Texas Instruments

Part # TPS2480PW
Description  Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2480PW Datasheet(HTML) 46 Page - Texas Instruments

Back Button TPS2480PW Datasheet HTML 42Page - Texas Instruments TPS2480PW Datasheet HTML 43Page - Texas Instruments TPS2480PW Datasheet HTML 44Page - Texas Instruments TPS2480PW Datasheet HTML 45Page - Texas Instruments TPS2480PW Datasheet HTML 46Page - Texas Instruments TPS2480PW Datasheet HTML 47Page - Texas Instruments TPS2480PW Datasheet HTML 48Page - Texas Instruments TPS2480PW Datasheet HTML 49Page - Texas Instruments TPS2480PW Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
TPS2480
TPS2481
SLUS939B – APRIL 2010 – REVISED DECEMBER 2010
www.ti.com
SADC:
SADC Shunt ADC Resolution/Averaging
Bits 3–6
These bits adjust the Shunt ADC resolution (9-, 10-, 11-, or 12-bit) or set the number of samples used when
averaging results for the Shunt Voltage Register (01h).
BADC (Bus) and SADC (Shunt) ADC resolution/averaging and conversion time settings are shown in Table 6.
Table 6. ADC Settings(1)
ADC4
ADC3
ADC2
ADC1
MODE/SAMPLES
CONVERSION TIME
0
X(2)
0
0
9-bit
84 ms
0
X(2)
0
1
10-bit
148 ms
0
X(2)
1
0
11-bit
276 ms
0
X(2)
1
1
12-bit
532 ms
1
0
0
0
12-bit
532 ms
1
0
0
1
2
1.06 ms
1
0
1
0
4
2.13 ms
1
0
1
1
8
4.26 ms
1
1
0
0
16
8.51 ms
1
1
0
1
32
17.02 ms
1
1
1
0
64
34.05 ms
1
1
1
1
128
68.10 ms
(1)
Shaded values are default.
(2)
X = Don't care.
MODE:
Operating Mode
Bits 0–2
Selects continuous, triggered, or power-down mode of operation. These bits default to continuous shunt and bus
measurement mode. The mode settings are shown in Table 7.
Table 7. Mode Settings(1)
MODE3
MODE2
MODE1
MODE
0
0
0
Power-down
0
0
1
Shunt voltage, triggered
0
1
0
Bus voltage, triggered
0
1
1
Shunt and bus, triggered
1
0
0
ADC off (disabled)
1
0
1
Shunt voltage, continuous
1
1
0
Bus voltage, continuous
1
1
1
Shunt and bus, continuous
(1)
Shaded values are default.
46
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2480 TPS2481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com