Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2480PW Datasheet(PDF) 45 Page - Texas Instruments

Part # TPS2480PW
Description  Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2480PW Datasheet(HTML) 45 Page - Texas Instruments

Back Button TPS2480PW Datasheet HTML 41Page - Texas Instruments TPS2480PW Datasheet HTML 42Page - Texas Instruments TPS2480PW Datasheet HTML 43Page - Texas Instruments TPS2480PW Datasheet HTML 44Page - Texas Instruments TPS2480PW Datasheet HTML 45Page - Texas Instruments TPS2480PW Datasheet HTML 46Page - Texas Instruments TPS2480PW Datasheet HTML 47Page - Texas Instruments TPS2480PW Datasheet HTML 48Page - Texas Instruments TPS2480PW Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
TPS2480
TPS2481
www.ti.com
SLUS939B – APRIL 2010 – REVISED DECEMBER 2010
Register Details
All TPS2480/81 16-bit registers are actually two 8-bit registers.
Configuration Register 00h (Read/Write)
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
RST
—
BRNG
PG1
PG0
BADC4
BADC3
BADC2
BADC1
SADC4
SADC3
SADC2
SADC1
MODE3
MODE2
MODE1
NAME
POR
0
0
1
1
1
0
0
1
1
0
0
1
1
1
1
1
VALUE
Bit Descriptions
RST:
Reset Bit
Bit 15
Setting this bit to '1' generates a system reset that is the same as power-on reset. Resets all registers to default
values; this bit self-clears.
BRNG:
Bus Voltage Range
Bit 13
0 = 16-V FSR
1 = 32-V FSR (default value)
PG:
PGA (Shunt Voltage Only)
Bits 11, 12
Sets PGA gain and range. Note that the PGA defaults to ÷8 (320-mV range). Table 5 shows the gain and range for
the various product gain settings.
Table 5. PG Bit Settings(1)
PG1
PG0
GAIN
RANGE
0
0
1
±40 mV
0
1
÷2
±80 mV
1
0
÷4
±160 mV
1
1
÷8
±320 mV
(1)
Shaded values are default.
BADC:
BADC Bus ADC Resolution/Averaging
Bits 7–10
These bits adjust the Bus ADC resolution (9-, 10-, 11-, or 12-bit) or set the number of samples used when
averaging results for the Bus Voltage Register (02h).
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s): TPS2480 TPS2481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com