Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2480PW Datasheet(PDF) 49 Page - Texas Instruments

Part # TPS2480PW
Description  Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2480PW Datasheet(HTML) 49 Page - Texas Instruments

Back Button TPS2480PW Datasheet HTML 45Page - Texas Instruments TPS2480PW Datasheet HTML 46Page - Texas Instruments TPS2480PW Datasheet HTML 47Page - Texas Instruments TPS2480PW Datasheet HTML 48Page - Texas Instruments TPS2480PW Datasheet HTML 49Page - Texas Instruments TPS2480PW Datasheet HTML 50Page - Texas Instruments TPS2480PW Datasheet HTML 51Page - Texas Instruments TPS2480PW Datasheet HTML 52Page - Texas Instruments TPS2480PW Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
Power=
Current
BusVoltage
´
5000
TPS2480
TPS2481
www.ti.com
SLUS939B – APRIL 2010 – REVISED DECEMBER 2010
Bus Voltage Register 02h (Read-Only)
The Bus Voltage Register stores the most recent bus voltage reading, VBUS.
At full-scale range = 32 V (decimal = 8000, hex = 1F40), and LSB = 4 mV.
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
BD12
BD11
BD10
BD9
BD8
BD7
BD6
BD5
BD4
BD3
BD2
BD1
BD0
—
CNVR
OVF
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
At full-scale range = 16 V (decimal = 4000, hex = 0FA0), and LSB = 4 mV.
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
0
BD11
BD10
BD9
BD8
BD7
BD6
BD5
BD4
BD3
BD2
BD1
BD0
—
CNVR
OVF
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
CNVR:
Conversion Ready
Bit 1
Although the data from the last conversion can be read at any time, the TPS2480/81 Conversion Ready bit (CNVR)
indicates when data from a conversion is available in the data output registers. The CNVR bit is set after all
conversions, averaging, and multiplications are complete. CNVR will clear under the following conditions:
1) Writing a new mode into the Operating Mode bits in the Configuration Register (except for Power-Down or
Disable)
2.) Reading the Power Register
OVF:
Math Overflow Flag
Bit 0
The Math Overflow Flag (OVF) is set when the Power or Current calculations are out of range. It indicates that
current and power data may be meaningless.
Power Register 03h (Read-Only)
Full-scale range and LSB are set by the Calibration Register. See the TPS2480/81 Power Measurement Engine
section.
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
PD15
PD14
PD13
PD12
PD11
PD10
PD9
PD8
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
The Power Register records power in watts by multiplying the values of the current with the value of the bus
voltage according to the equation:
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): TPS2480 TPS2481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com