Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5611BCCZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADF5611BCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5611BCCZ Datasheet(HTML) 4 Page - Analog Devices

  ADF5611BCCZ Datasheet HTML 1Page - Analog Devices ADF5611BCCZ Datasheet HTML 2Page - Analog Devices ADF5611BCCZ Datasheet HTML 3Page - Analog Devices ADF5611BCCZ Datasheet HTML 4Page - Analog Devices ADF5611BCCZ Datasheet HTML 5Page - Analog Devices ADF5611BCCZ Datasheet HTML 6Page - Analog Devices ADF5611BCCZ Datasheet HTML 7Page - Analog Devices ADF5611BCCZ Datasheet HTML 8Page - Analog Devices ADF5611BCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
Data Sheet
ADF5611
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 48
Table 1. Specifications (Continued)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
14-Bit R Divider Range
RDIV
1
16,383
All integers included
Input Current
150
μA
PHASE DETECTOR
Input Frequency
fPFD
Fractional Mode3
100
MHz
Integer Mode
100
MHz
CHARGE PUMP
Output Current
ICP
0.2 to 3.2
mA
Set by the CP_I bit fields, see Table 50
Charge Pump Gain Step Size
200
μA
LOGIC INPUTS (CSB, SCK, AND
SDIO)
Input High Voltage
VINH
1.2
V
Input Low Voltage
VINL
0.6
V
Input Current
IIH/IIL
±1
µA
Input Capacitance
CIN
2
pF
LOGIC INPUT (CE)
Input High Voltage
VINH-3V
1.8
V
Input Low Voltage
VINL-3V
0.8
V
Input Current
IIH-3V/IIL-3V
±1
μA
Input Capacitance
CIN-3V
1
pF
LOGIC OUTPUT (SDO AND SDIO)
Output High Voltage (1.8V Mode)
VOH
1.5
1.8
V
Output high current (IOH) = 500μA, 1.8V output
selected (default setting)
Output High Voltage (3.3V Mode)
VOH-3V
V3.3V −
0.4
V
IOH = 500μA, 3.3V output selected, Set by voltage on
DVDD pin
Output Low Voltage
VOL
0.4
V
Output low current (IOL) = 500μA
SDO High-Z Leakage
IZH/IZL
±1
μA
POWER SUPPLY VOLTAGES
3.3 V Supplies
3.15
3.3
3.45
V
AVDD, VCCHF, VCCPS, VCCPD, RVDD, DVDD,
VPPCP, VDDLS, VDD1, VDD2, and VDD3
5.0 V Supplies
4.75
5.0
5.25
V
VCOVCC
POWER DISSIPATION
Typical Power Dissipation
PDIS
1
W
fREF = fPFD = 100MHz, R_DIV = 1, ICP = 3.2mA,
RFOUT_PWR = 3, DIV_PWR = 3, RFOUT_DIV =
divide by 128
POWER SUPPLY CURRENTS
fREF = fPFD = 100MHz, R_DIV = 1, ICP = 3.2mA,
RFOUT_PWR = 3, DIV_PWR = 0
AVDD
1
μA
3.3V
RVDD
3
mA
3.3V
VCCHF
<1
μA
3.3V
VCCPS
27
mA
3.3V
VCCPD
4
mA
3.3V
DVDD
3
mA
3.3V
VPPCP and VDDLS
3
mA
3.3V, grouped supply current for VPPCP and VDDLS
VDD1
6
mA
3.3V
VDD2
1
mA
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com