Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5611BCCZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADF5611BCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5611BCCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADF5611BCCZ Datasheet HTML 8Page - Analog Devices ADF5611BCCZ Datasheet HTML 9Page - Analog Devices ADF5611BCCZ Datasheet HTML 10Page - Analog Devices ADF5611BCCZ Datasheet HTML 11Page - Analog Devices ADF5611BCCZ Datasheet HTML 12Page - Analog Devices ADF5611BCCZ Datasheet HTML 13Page - Analog Devices ADF5611BCCZ Datasheet HTML 14Page - Analog Devices ADF5611BCCZ Datasheet HTML 15Page - Analog Devices ADF5611BCCZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
Data Sheet
ADF5611
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 12 of 48
Figure 12. Closed-Loop Phase Noise at 7.3GHz RFOUT vs. Output Frequency
Across Various Temperatures and Supplies
Figure 13. Closed-Loop Phase Noise at 12GHz RFOUT vs. Output Frequency
Across Various Temperatures and Supplies
Figure 14. Jitter vs. Output Frequency Across Various Temperatures and
Supplies, Integer Mode
Figure 15. Jitter vs. Output Frequency Across Various Temperatures and
Supplies, Fractional Mode
Figure 16. VCO Band vs. Output Frequency Across Various Temperatures,
EN_AUTOCAL Enabled
Figure 17. Tuning Sensitivity vs. Output Frequency Across Various
Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com