Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5611BCCZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADF5611BCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5611BCCZ Datasheet(HTML) 5 Page - Analog Devices

  ADF5611BCCZ Datasheet HTML 1Page - Analog Devices ADF5611BCCZ Datasheet HTML 2Page - Analog Devices ADF5611BCCZ Datasheet HTML 3Page - Analog Devices ADF5611BCCZ Datasheet HTML 4Page - Analog Devices ADF5611BCCZ Datasheet HTML 5Page - Analog Devices ADF5611BCCZ Datasheet HTML 6Page - Analog Devices ADF5611BCCZ Datasheet HTML 7Page - Analog Devices ADF5611BCCZ Datasheet HTML 8Page - Analog Devices ADF5611BCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Data Sheet
ADF5611
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 48
Table 1. Specifications (Continued)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
VDD3
58
mA
Divide by 1
71
mA
Divide by 2
77
mA
Divide by 4
81
mA
Divide by 8
86
mA
Divide by 16
88
mA
Divide by 32
90
mA
Divide by 64
92
mA
Divide by 128
VCOVCC
92
mA
5.0V
Power-Down
PLL4
2.3
µA
Power down via the SPI and the PD_RDIV,
PD_NDIV, PD_LD, PD_PFDCP, and PD_PFDNCLK
bits, see Table 56 and Table 57
VCOVCC5
13
mA
Power down via the SPI and the PD_VCO and
PD_ADC bits, see Table 56
Divider5
202
μA
Power down via the SPI and the PD_ODIV bit, see
Table 57
VCO OPEN-LOOP PHASE NOISE
RFOUT at 7.3GHz
10kHz Offset
−92
dBc/Hz
100kHz Offset
−115
dBc/Hz
1MHz Offset
−135
dBc/Hz
10MHz Offset
−155
dBc/Hz
100MHz Offset
−168
dBc/Hz
RFOUT at 10GHz
10kHz Offset
−90
dBc/Hz
100kHz Offset
−114
dBc/Hz
1MHz Offset
−135
dBc/Hz
10MHz Offset
−155
dBc/Hz
100MHz Offset
−164
dBc/Hz
RFOUT at 11GHz
10kHz Offset
−89
dBc/Hz
100kHz Offset
−112
dBc/Hz
1MHz Offset
−132
dBc/Hz
10MHz Offset
−152
dBc/Hz
100MHz Offset
−164
dBc/Hz
RFOUT at 14.6GHz
10kHz Offset
−86
dBc/Hz
100kHz Offset
−109
dBc/Hz
1MHz Offset
−130
dBc/Hz
10MHz Offset
−150
dBc/Hz
100MHz Offset
−165
dBc/Hz
PLL
Integer Boundary Spurs
−55
dBc
LOCKED bit = 1, fREF = fPFD = 100MHz, RDIV = 1, see
Figure 34
Phase Frequency Detector (PFD)
Spurs
−105
dBc
LOCKED bit = 1, fREF = 200MHz, fPFD = 100MHz ,
RDIV = 2, see Figure 35
Reference Spurs
−100
dBc
LOCKED bit = 1, fREF = fPFD = 100MHz, RDIV = 1, see
Figure 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com