Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5611BCCZ Datasheet(PDF) 40 Page - Analog Devices

Part # ADF5611BCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5611BCCZ Datasheet(HTML) 40 Page - Analog Devices

Back Button ADF5611BCCZ Datasheet HTML 36Page - Analog Devices ADF5611BCCZ Datasheet HTML 37Page - Analog Devices ADF5611BCCZ Datasheet HTML 38Page - Analog Devices ADF5611BCCZ Datasheet HTML 39Page - Analog Devices ADF5611BCCZ Datasheet HTML 40Page - Analog Devices ADF5611BCCZ Datasheet HTML 41Page - Analog Devices ADF5611BCCZ Datasheet HTML 42Page - Analog Devices ADF5611BCCZ Datasheet HTML 43Page - Analog Devices ADF5611BCCZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
Data Sheet
ADF5611
REGISTER MAP
analog.com
Rev. 0 | 40 of 48
Address: 0x02C, Reset: 0x00, Name: REG002C
Table 61. Bit Descriptions for REG002C
Bits
Bit Name
Description
Reset
Access
7
RFODIV_DB
Enables double buffering for the RFOUT_DIV bit field.
0x0
R/W
0: RFOUT_DIV not double buffered.
1: RFOUT_DIV double buffered.
6
RESERVED
Reserved
0x0
R/W
5
RESERVED
Reserved.
0x0
R/W
4
RST_SYS
Resets digital except SPI and registers to a POR state.
0x0
R/W
0: resets to inactive.
1: reset to active.
3
EN_ADC_CLK
Enables the ADC clock.
0x0
R/W
0: disables ADC clock.
1: enables ADC clock.
2
RESERVED
Reserved.
0x0
R/W
1
CAL_CT_SEL
Decreases by 1 the number of DIV_RCLK cycles used in the VCO calibration.
0x0
R/W
0
RESERVED
Reserved.
0x0
R/W
Address: 0x02D, Reset: 0x00, Name: REG002D
Table 62. Bit Descriptions for REG002D
Bits
Bit Name
Description
Reset
Access
[7:3]
RESERVED
Reserved.
0x0
R/W
2
O_VCO_BIAS
Overrides the VCO bias with M_VCO_BIAS.
0x0
R/W
0: VCO bias select from the VCO calibration state machine.
1: VCO bias select from M_VCO_BIAS.
1
O_VCO_BAND
Overrides the VCO band with M_VCO_BAND.
0x0
R/W
0: VCO band code from VCO calibration state machine.
1: VCO band code from M_VCO_BAND.
0
O_VCO_CORE
Overrides the VCO core with M_VCO_CORE.
0x0
R/W
0: VCO core select from VCO calibration state machine.
1: VCO core select from M_VCO_CORE.
Address: 0x02E, Reset: 0x00, Name: REG002E
Table 63. Bit Descriptions for REG002E
Bits
Bit Name
Description
Reset
Access
[7:0]
RESERVED
Reserved.
0x0
R/W
Address: 0x02F, Reset: 0x00, Name: REG002F
Table 64. Bit Descriptions for REG002F
Bits
Bit Name
Description
Reset
Access
[7:0]
CAL_COUNT_TO
Time for Each VCO Calibration Decision. CAL_COUNT_TO = ceil(8μs × fPFD)/16.
0x0
R/W
Address: 0x030, Reset: 0x00, Name: REG0030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com