Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5320 Datasheet(PDF) 23 Page - Injoinic Technology Co.,Ltd.

Part # IP5320
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5320 Datasheet(HTML) 23 Page - Injoinic Technology Co.,Ltd.

Back Button IP5320 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 27Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
IP5389
V1.23
www.injoinic.com
23 / 41
Copyright © 2023, Injoinic Corp.
Figure 7
USB C detection state transition
12.5
USB C PD
IP5389 integrates USB C Power Delivery PD2.0/PD3.0/PPS (Programmable Power Supply)
protocol,physical (PHY) layer for data transmitting/receiving across the CC wire and hardware biphase
mark coding (BMC) module.
IP5389 supports PD2.0/PD3.0 bidirectional input/output protocol and PPS output protocol. The
maximum output power is 100W.Input voltage gears includes 5V, 9V, 12V, 15V, 20V.Output voltage gears
includes 5V, 9V, 12V, 15V, 20V. When the E-MARK cable is recognized, it broadcasts capacities:5V/3A,
9V/3A, 12V/3A, 15V/3A, 20V/5A, PPS 3.3~21V/3A; when the E-MARK cable is not recognized, it
broadcasts capabilities: 5V/3A, 9V/3A, 12V/3A, 15V/3A, 20V/3A, PPS 3.3~21V/3A.
12.6
Fast Charging Protocol
IP5389 supports multiple fast charging protocols: QC2.0/QC3.0/QC3+、FCP、AFC、SCP、VOOC、



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com