Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5320 Datasheet(PDF) 36 Page - Injoinic Technology Co.,Ltd.

Part # IP5320
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5320 Datasheet(HTML) 36 Page - Injoinic Technology Co.,Ltd.

Back Button IP5320 Datasheet HTML 32Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 33Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 34Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 35Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 36Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 37Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 38Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 39Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 40Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
IP5389
V1.23
www.injoinic.com
36 / 41
Copyright © 2023, Injoinic Corp.
14
BOM
Serial
number
Part name
Type
Location
Number
Remarks
1
SMT IC
QFN64 IP5389
U1
1
2
SMT capacitor
0603 100nF 10%
50V
C1 C2 C7
3
3
SMT capacitor
0603
1uF
10%
16V
C3 C4
2
4
SMT capacitor
0603 2.2uF 10%
16V
C5 C6
2
6
SMT capacitor
0805 10uF 10%
25V
CP1
CP3
CP4 CP5
4
7
SMT capacitor
0805 22uF 10%
25V
CP6
CP7
CP8
CP11
CP12
5
8
CPAE capacitor
100uF 35V 10%
CP10 CP15
2
9
SMT resistor
1206 0.005R 1%
R4 R5
2
10
SMT resistor
0603 10K 5%
R6
1
11
SMT resistor
0603 27K 1%
R7 R14 R16
3
12
SMT resistor
0603 6.2K 1%
R17
1
13
SMT resistor
0603 0R 1%
R18
1
14
NTC thermal
resistor
10K@25
℃
B=3380
RNTC
1
15
SMT resistor
0603 100R 1%
R10 R11 R12
R13
4
choosable,LED
application circuit
16
SMT LED
0603 blue
D1 D2 D3 D4
4
17
SMT LED
0603 red
D5
1
18
SMT resistor
0603 100R 1%
R8
1
19
SMT resistor
0603 0R 5%
R9
1
20
SMT resistor
0603 100R 1%
R9 R10 R11
R12 R13
5
choosable,nixie tube
application circuit
21
SMT Schottky
YFTD1508SWPG-
5D
SMG1
1
22
LED
5MM LED
D6
1
23
One-piece
inductor
10Uh
7A
RDC<0.01R
L1
1
24
KEY
SMT 3*6
K1
1
25
SMT MOSFET
RU3030M2
Q1 Q2 Q3 Q4
4
26
Output USB
AF10 8 pins USB
USB1 USB2
2
27
USB C
USB C connector
USB3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com