Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5320 Datasheet(PDF) 26 Page - Injoinic Technology Co.,Ltd.

Part # IP5320
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5320 Datasheet(HTML) 26 Page - Injoinic Technology Co.,Ltd.

Back Button IP5320 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 27Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 28Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 29Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 30Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
IP5389
V1.23
www.injoinic.com
26 / 41
Copyright © 2023, Injoinic Corp.
Charge while discharging
When the charging power supply and the electrical device are plugged in at the same time, the chip
will automatically enter the charging and discharging mode. In this mode, it will automatically close the
internal fast charging input request. When the VIO voltage is only 5V, the discharging path is opened to
supply power to the electrical device; if the VIO voltage is greater than 5.6V, for safety reasons, the
discharging path will not be opened. In order to charge the electrical device normally, IP5389 will increase
the charging undervoltage loop to above 4.925V to ensure that the electrical device is given priority to
supply power.
During the charging and discharging process, if the charging power is unplugged, IP5389 will turn off
the charging and restart discharging to supply power to the electrical device. For safety reasons, and to
reactivate the mobile phone to request fast charging, the voltage will drop to 0V for a period of time during
the conversion process.
During the charging and discharging process, if the electrical device is unplugged, or the electrical
device is fully charged and stops drawing power, the corresponding discharging path will be automatically
closed after about 16s. When the discharging paths are closed and the state returns to the charging only
mode, the charging undervoltage loop will be lowered and the fast charging will be automatically
reactivated, then the charging of the mobile power supply will be accelerated.
12.8
Automatic Detection for Mobile Phone
12.8.1
Automatic detection for mobile phone insertion
If an inserted phone has been automactically detected by IP5389, IP5389 will wake up from standby
state immediately and turn on the boost to charge the phone by 5V. This design can save the step of
turning on the key and support the mold scheme without key.
12.8.2
Automatic detection for fully charged mobile phone
IP5389 samples the output current of each port through the on-chip ADC. When the output current of
a single port is less than about 80mA (MOS Rds_ON@10mohm) and lasts for about 16s, the output port
will be closed. When the total output power is less than about 350mW and lasts for about 32s, it is
considered that the mobile phones of all output ports are fully charged or unplugged, and the buck-boost
output will be automatically turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com