Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5320 Datasheet(PDF) 15 Page - Injoinic Technology Co.,Ltd.

Part # IP5320
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5320 Datasheet(HTML) 15 Page - Injoinic Technology Co.,Ltd.

Back Button IP5320 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
IP5389
V1.23
www.injoinic.com
15 / 41
Copyright © 2023, Injoinic Corp.
input current
VBUS=12V,
PD,
Input current
PMAX=27W
2.0
2.25
2.5
A
PMAX=30W
2.2
2.5
2.8
PMAX>=45W
2.7
3.0
3.3
VBUS=12V,
not PD,
input current
PMAX>=27W
1.3
1.5
1.7
A
VBUS=15V,
PD and not
PD,
input current
PMAX=27W
1.6
1.8
2.0
A
PMAX=30W
1.8
2.0
2.2
PMAX>=45W
2.7
3.0
3.3
VBUS =20V,
PD,
input current
PMAX=30W
1.3
1.5
1.7
A
PMAX=45W
2.0
2.25
2.5
PMAX=60W
2.7
3.0
3.3
PMAX=65W
3.0
3.25
3.6
PMAX=100W
4.3
4.7
5.1
VBUS=20V,
not PD,
input current
PMAX=30W
1.3
1.5
1.7
A
PMAX=45W
2.0
2.25
2.5
PMAX>=60W
2.7
3.0
3.3
Trickle
Charging
Current
ITRKL
VIN=5V, VBAT<2.5V
50
100
150
mA
VIN=5V,
2.5V<=VBAT<N*3.0V
100
200
300
mA
Trickle cut-off
voltage
VTRKL
The number of battery is N,
VTRGT is not 3.6V.
N*2.9
N*3
N*3.1
V
VTRKL
The number of battery is N,
VTRGT is 3.6V.
N*2.7
N*2.75
N*2.85
V
Charging stop
current
ISTOP
100
0.025*FCAP
mA
Recharging
Voltage
Threshold
VRCH
The number of battery is N.
VTRGT –
N*0.1
V
Charging cut-
off time
TEND
45
48
51
Hour
Discharge System
Battery
operation
voltage
VBAT
The number of battery is N.
N*2.75
N*4.5
V
Battery input
current
IBAT
VBAT=4*3.7V,
VOUT=5.0V,
fs=250kHz, Iout=0mA
3
7
mA
DC output
voltage
QC2.0
VOUT
VOUT=5V@1A
4.75
5.00
5.25
V
VOUT=9V@1A
8.70
9
9.30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com