Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3285PVC-LP Datasheet(PDF) 127 Page - Infineon Technologies AG

Part # CY8C3285PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3285PVC-LP Datasheet(HTML) 127 Page - Infineon Technologies AG

Back Button CY8C3285PVC-LP Datasheet HTML 123Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 124Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 125Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 126Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 127Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 128Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 129Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 130Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 131Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 126 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11.9.3 MHz External Crystal Oscillator
For more information on crystal or ceramic resonator selection for the MHzECO, refer to application note AN54439: PSoC 3 and
PSoC 5 External Oscillators.
11.9.4 kHz External Crystal Oscillator
11.9.5 External Clock Reference
11.9.6 Phase-Locked Loop
Table 11-83. MHzECO DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
ICC
Operating current[103]
13.56 MHz crystal
–
3.8
–
mA
Table 11-84. MHzECO AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
F
Crystal frequency range
4
–
25
MHz
Table 11-85. kHzECO DC Specifications[103]
Parameter
Description
Conditions
Min
Typ
Max
Units
ICC
Operating current
Low power mode; CL = 6 pF
–
0.25
1.0
µA
DL
Drive level
–
–
1
µW
Table 11-86. kHzECO AC Specifications[103]
Parameter
Description
Conditions
Min
Typ
Max
Units
F
Frequency
–
32.768
–
kHz
TON
Startup time
High power mode
–
1
–
s
Table 11-87. External Clock Reference AC Specifications[103]
Parameter
Description
Conditions
Min
Typ
Max
Units
External frequency range
0
–
33
MHz
Input duty cycle range
Measured at VDDIO/2
30
50
70
%
Input edge rate
VIL to VIH
0.5
–
–
V/ns
Table 11-88. PLL DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
IDD
PLL operating current
In = 3 MHz, Out = 80 MHz
–
650
–
µA
In = 3 MHz, Out = 67 MHz
–
400
–
µA
In = 3 MHz, Out = 24 MHz
–
200
–
µA
Table 11-89. PLL AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Fpllin
PLL input frequency[104]
1–
48
MHz
PLL intermediate frequency[105]
Output of prescaler
1
–
3
MHz
Fpllout
PLL output frequency[104]
24
–
80
MHz
Lock time at startup
–
–
250
µs
Jperiod-rms Jitter (rms)[103]
––
250
ps
Notes
103.Based on device characterization (Not production tested).
104.This specification is guaranteed by testing the PLL across the specified range using the IMO as the source for the PLL.
105.PLL input divider, Q, must be set so that the input frequency is divided down to the intermediate frequency range. Value for Q ranges from 1 to 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com