Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3285PVC-LP Datasheet(PDF) 129 Page - Infineon Technologies AG

Part # CY8C3285PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3285PVC-LP Datasheet(HTML) 129 Page - Infineon Technologies AG

Back Button CY8C3285PVC-LP Datasheet HTML 125Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 126Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 127Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 128Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 129Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 130Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 131Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 132Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 133Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 128 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
12.1 Part Numbering Conventions
PSoC 5LP devices follow the part numbering convention described here. All fields are single character alphanumeric (0, 1, 2, …, 9,
A, B, …, Z) unless stated otherwise.
CY8Cabcdefg-LPxxx
a: Architecture
3: PSoC 3
5: PSoC 5
b: Family group within architecture
2: CY8C52LP family
4: CY8C54LP family
6: CY8C56LP family
8: CY8C58LP family
c: Speed grade
6: 67 MHz
8: 80 MHz
d: Flash capacity
5: 32 KB
6: 64 KB
7: 128 KB
8: 256 KB
ef: Package code
Two character alphanumeric
AX: TQFP
LT: QFN
PV: SSOP
FN: CSP
g: Temperature Range
C: Commercial
I: Industrial
Q: Extended
A: Automotive
xxx: Peripheral set
Three character numeric
No meaning is associated with these three characters
Tape and reel versions of these devices are available and are marked with a “T” at the end of the part number.
All devices in the PSoC 5LP CY8C58LP family comply to RoHS-6 specifications, demonstrating the commitment by Cypress to
lead-free products. Lead (Pb) is an alloying element in solders that has resulted in environmental concerns due to potential toxicity.
Cypress uses nickel-palladium-gold (NiPdAu) technology for the majority of leadframe-based packages.
A high level review of the Cypress Pb-free position is available on our website. Specific package information is also available. Package
Material Declaration Datasheets (PMDDs) identify all substances contained within Cypress packages. PMDDs also confirm the
absence of many banned substances. The information in the PMDDs will help Cypress customers plan for recycling or other “end of
life” requirements.
Architecture
Cypress Prefix
Family Group within Architecture
Speed Grade
Flash Capacity
Package Code
Temperature Range
Peripheral Set
5: PSoC 5
8: 80 MHz
8: 256 KB
AX: TQFP, PV: SSOP
I: Industrial
Examples
CY8C 5 8
X
A
8
8I
x
LPx
-x
8: CY8C58LP Family
/PV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com