Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3285PVC-LP Datasheet(PDF) 136 Page - Infineon Technologies AG

Part # CY8C3285PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3285PVC-LP Datasheet(HTML) 136 Page - Infineon Technologies AG

Back Button CY8C3285PVC-LP Datasheet HTML 132Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 133Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 134Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 135Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 136Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 137Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 138Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 139Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 140Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 136 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 135 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Document History Page
Description Title: PSoC® 5LP: CY8C58LP Family Datasheet Programmable System-on-Chip (PSoC®)
Document Number: 001-84932
Revision
ECN
Submission
Date
Description of Change
**
3825653
12/07/2012
Datasheet for new CY8C58LP family
*A
3897878
02/07/2013
Updated characterization footnotes in Electrical Specifications.
Updated conditions for SAR ADC INL and DNL specifications in Table 11-28
Changed number of opamps in Ordering Information
Removed Preliminary status
Removed references to CAN.
Updated INL VIDAC spec.
*B
3902085
02/12/2013
Changed Hibernate wakeup time from 125 µs to 200 µs in Table 6-3 and Table 11-3.
*C
3917994
01/03/2013
Added Controller Area Network (CAN) content.
*D
4114902
09/30/2013
Added information about 1 KB cache in Features.
Added warning on reset devices in the EEPROM section.
Added DBGEN field in Table 5-3.
Deleted statement about repeat start from the I2C section.
Removed TSTG spec from Table 11-1 and added a note clarifying the maximum storage
temperature range.
Updated chip Idd, regulator, opamp, delta-sigma ADC, SAR ADC, IDAC, and VDAC graphs.
Added min and max values for the Regulator Output Capacitor parameter.
Updated CIN specs in GPIO DC Specifications and SIO DC Specifications.
Updated rise and fall time specs in Fast Strong mode in Table 11-9, and deleted related
graphs.
Added IIB parameter in Opamp DC Specifications
Updated Vos spec conditions and changed TCVos max value from 0.55 to 1 in Table 11-20.
Updated Voltage Reference Specifications and IMO AC Specifications.
Updated FIMO spec (3 MHz).
Updated 100-TQFP package diagram.
Added Appendix for CSP package (preliminary).
*E
4225729
12/20/2013
Added SIO Comparator Specifications.
Changed THIBERNATE wakeup spec from 200 to 150 µs.
Updated CSP package details and ordering information.
Added 80 MHz parts in Table 12-1.
*F
4386988
05/22/2014
Updated General Description and Features.
Added More Information and PSoC Creator sections.
Updated JTAG IDs in Ordering Information.
Updated 100-TQFP package diagram.
*G
4587100
12/08/2014
Added link to AN72845 in Note 3.
Updated interrupt priority numbers in Section 4.4.
Updated Section 5.4 to clarify the factory default values of EEPROM.
Corrected ECCEN settings in Table 5-3.
Updated Section 6.1.1 and Section 6.1.2.
Added a note below Figure 6-4.
Updated Figure 6-11.
Changed ‘Control Store RAM’ to ‘Dynamic Configuration RAM’ in Figure 7-4 and changed
Section 7.2.2.2 heading to ‘Dynamic Configuration RAM’.
Updated Section 7.8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com