Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3285PVC-LP Datasheet(PDF) 138 Page - Infineon Technologies AG

Part # CY8C3285PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3285PVC-LP Datasheet(HTML) 138 Page - Infineon Technologies AG

Back Button CY8C3285PVC-LP Datasheet HTML 132Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 133Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 134Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 135Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 136Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 137Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 138Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 139Page - Infineon Technologies AG CY8C3285PVC-LP Datasheet HTML 140Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 138 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 137 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
*H (cont.)
4698847
03/24/2015
Updated Electrical Specifications:
Updated Memory:
Updated Flash:
Updated Table 11-62:
Updated details in “Conditions” column corresponding to “Flash data retention time”
parameter.
Added Note 80 and referred the same note in last condition corresponding to “Flash data
retention time” parameter.
Updated EEPROM:
Updated Table 11-64:
Updated details in “Conditions” column corresponding to “EEPROM data retention time”
parameter.
Added Note 80 and referred the same note in last condition corresponding to “EEPROM
data retention time” parameter.
Updated Nonvolatile Latches (NVL):
Updated Table 11-66:
Updated details in “Conditions” column corresponding to “NVL data retention time”
parameter.
Added Note 81 and referred the same note in last condition corresponding to “NVL data
retention time” parameter.
Updated Clocking:
Updated Internal Main Oscillator:
Updated Table 11-80:
Replaced 85 °C with 105 °C.
Updated Figure 11-83.
Updated Ordering Information:
Updated Table 12-1:
Updated part numbers.
Updated Part Numbering Conventions:
Added “Q: Extended” as sub bullet under “g: Temperature Range”.
Updated Packaging:
Updated Table 13-1:
Changed maximum value of TA parameter from 85 °C to 105 °C.
Changed maximum value of TJ parameter from 100 °C to 120 °C.
Updated :
Updated :
spec 001-88034 – Changed revision from ** to *A.
*I
4839323
07/15/2015
Added reference to code examples in More Information.
Updated typ value of TWRITE from 2 to 10 in EEPROM AC specs table.
Changed “Device supply for USB operation" to "Device supply (VDDD) for USB operation"
in USB DC Specifications.
Clarified power supply sequencing and margin for VDDA and VDDD.
Updated Serial Wire Debug Interface with limitations of debugging on Port 15.
Updated Delta-sigma ADC DC Specifications
Document History Page (continued)
Description Title: PSoC® 5LP: CY8C58LP Family Datasheet Programmable System-on-Chip (PSoC®)
Document Number: 001-84932
Revision
ECN
Submission
Date
Description of Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com